Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0031-R Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0031-R
Description  Gravity:Digital Piranha LED Module-Red
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0031-R Datasheet(HTML) 1 Page - DFROBOT

  DFR0031-R Datasheet HTML 1Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
 
 
Gravity:Digital Piranha LED Module-Red
SKU: DFR0031-R
INTRODUCTION
Piranha LED light module (Red), and special sensors Arduino board and ambient light sensor extension combination, can be used
in the interaction with the light works.
When the LED light module connected to Arduino, the digital pin (LOW on, HIGH off) is used to control it. The brightness of
LED can be controller via PWM output.
SPECIFICATION
Voltage: +3.3-5V
Pin Definition :1 - control 2 -GND 3 --- Power
Weight: 5g
Color:Red
SHIPPING LIST
LED light module-Red x1
Digital Cable (SKU:FIT0011) x1
Powered By DFRobot © 2008-2016


Similar Part No. - DFR0031-R

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0031-B DFROBOT-DFR0031-B Datasheet
56Kb / 1P
Gravity:Digital piranha LED module-Blue
DFR0031-G DFROBOT-DFR0031-G Datasheet
197Kb / 4P
Digital piranha LED light module ‐ Green (SKU: DFR0031‐G)
DFR0031-W DFROBOT-DFR0031-W Datasheet
49Kb / 1P
Gravity: Digital Piranha LED Module-White
More results

Similar Description - DFR0031-R

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PLC760A-WCR04 P-TEC-PLC760A-WCR04 Datasheet
356Kb / 6P
Piranha LED Emitting Color Red
PLC760A-WCY04 P-TEC-PLC760A-WCY04 Datasheet
357Kb / 6P
Piranha LED
PLC760-WCB04 P-TEC-PLC760-WCB04 Datasheet
337Kb / 6P
Piranha LED
PLC760-WCG04 P-TEC-PLC760-WCG04 Datasheet
367Kb / 6P
Piranha LED
PLC761A-WCR04 P-TEC-PLC761A-WCR04 Datasheet
343Kb / 6P
Piranha LED
PLC761A-WCY04 P-TEC-PLC761A-WCY04 Datasheet
388Kb / 6P
Piranha LED
PLC761-WCB04 P-TEC-PLC761-WCB04 Datasheet
348Kb / 6P
Piranha LED
PLC762A-WCY04 P-TEC-PLC762A-WCY04 Datasheet
377Kb / 6P
Piranha LED
PLC763-WCW04 P-TEC-PLC763-WCW04 Datasheet
498Kb / 7P
Piranha LED
PLC764-WCB04 P-TEC-PLC764-WCB04 Datasheet
361Kb / 6P
Piranha LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com