Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8340 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8340
Description  700 MHz to 1000 MHz RF Vector Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8340 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8340 Datasheet HTML 12Page - Analog Devices AD8340 Datasheet HTML 13Page - Analog Devices AD8340 Datasheet HTML 14Page - Analog Devices AD8340 Datasheet HTML 15Page - Analog Devices AD8340 Datasheet HTML 16Page - Analog Devices AD8340 Datasheet HTML 17Page - Analog Devices AD8340 Datasheet HTML 18Page - Analog Devices AD8340 Datasheet HTML 19Page - Analog Devices AD8340 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD8340
Data Sheet
EVALUATION BOARD
The evaluation board circuit schematic for the AD8340 is
shown in Figure 39.
The evaluation board is configured to be driven from a
single-ended 50 Ω source. Although the input of the AD8340
is differential, it may be driven single-ended with no loss of
performance.
The low-pass corner frequency of the baseband I and Q
channels can be reduced by installing capacitors in the C11 and
C12 positions. The low-pass corner frequency for either
channel is approximated by
pF
5
.
0
nF
10
kHz
45
dB
3
+
×
≈
EXTERNAL
C
f
On the evaluation board, the I and Q baseband circuits are
identical, so the following description applies equally to each.
The connections and circuit configuration for the Q baseband
inputs are described in Table 4.
The baseband input of the AD8340 requires a differential
voltage drive. The evaluation board is set up to allow such a
drive by connecting the differential voltage source to QBBP and
QBBM. The common-mode voltage should be maintained at
approximately 0.5 V. For this configuration, Jumper W1 to
Jumper W4 should be removed.
The baseband input of the evaluation board can also be driven
with a single-ended voltage. In this case, a bias level is provided
to the unused input from Potentiometer R10 by installing either
W1 or W2.
Setting SW1 in Position B disables the AD8340 output
amplifier. With SW1 set to Position A, the output amplifier is
enabled and an external voltage signal, such as a pulse, can be
applied to the DSOP SMA connector to exercise the output
amplifier enable/disable function.
Rev. C | Page 16 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com