Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1674 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SC1674
Description  Silicon NPN Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC1674 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SC1674 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC1674 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC1674 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Silicon NPN Power Transistor
2SC1674
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= 10mA, IB= 0A
20
--
--
V
ICBO
Collector Cutoff Current
VCE= 30V, IB= 0A
--
--
100
nA
IEBO
Emitter Cutoff Current
VEB= 3.0V, IC= 0A
--
--
100
nA
hFE
DC Current Gain
IC= 1.0mA, VCE= 6V
40
--
180
VCE(sat)
Collector-Emitter Saturation Voltage
IC=10mA, IB= 1.0mA
--
--
0.3
V
VBE(on)
Base to Emitter Voltage
VCE= 6V, IC= 1.0mA
--
0.72
--
V
Classification of hFE
Rank
M
L
K
hFE
40-80
60-120
90-180
PACKAGE OUTLINE(UNIT:mm)
TO-92



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com