Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA851 Datasheet(PDF) 13 Page - Texas Instruments

Part # INA851
Description  PGA848 Low-Noise, Wide-Bandwidth, Scope Gain, Single-Ended Output, Programmable Gain Instrumentation Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA851 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA851 Datasheet HTML 9Page - Texas Instruments INA851 Datasheet HTML 10Page - Texas Instruments INA851 Datasheet HTML 11Page - Texas Instruments INA851 Datasheet HTML 12Page - Texas Instruments INA851 Datasheet HTML 13Page - Texas Instruments INA851 Datasheet HTML 14Page - Texas Instruments INA851 Datasheet HTML 15Page - Texas Instruments INA851 Datasheet HTML 16Page - Texas Instruments INA851 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The PGA848 is a monolithic, high-voltage, high-bandwidth, precision programmable gain instrumentation
amplifier with a single-ended output. The PGA848 combines a high-speed current-feedback input stage with
an internally matched gain resistor network, followed by a four-resistor, differential amplifier output stage. The
PGA848 is equipped with eight binary-gain settings, from 0.5V/V to 100V/V, using three digital gain-selection
pins: A0, A1, and A2.
The PGA848 is designed for applications such as factory automation and control, analog input modules, data
acquisition, test and measurement, and semiconductor test.
8.1.1 Linear Operating Input Range
The linear operating input voltage range of the PGA848 input circuitry extends within 3V (maximum) of either
power supply. The device maintains excellent common-mode rejection throughout this range at all temperatures.
The linear operating input common-mode range is a function of the input common-mode voltage, input
differential voltage, gain, and reference input voltage.
The valid common-mode range to enable valid output voltage at no load condition are shown in Figure 8-4 to
Figure 8-3.
Output Voltage (V)
-15
-12
-9
-6
-3
0
3
6
9
12
15
-15
-12
-9
-6
-3
0
3
6
9
12
15
VS = VSOUT = 15V
VS = 15V, VSOUT = 5V
VS = VSOUT = ±15V
VS = ±15V, VSOUT = ±5V
VREF = 0V
G = 0.5V/V
Figure 8-1. Input Common-Mode Voltage vs Output
Voltage
Output Voltage (V)
-20
-16
-12
-8
-4
0
4
8
12
16
20
-15
-12
-9
-6
-3
0
3
6
9
12
15
VS = VSOUT = 15V
VS = VSOUT = 5V
VS = VSOUT = ±15V
VS = VSOUT = ±5V
VREF = 0V
G = 1V/V
Figure 8-2. Input Common-Mode Voltage vs Output
Voltage
www.ti.com
PGA848
SBOSAN4 – AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: PGA848



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com