Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF3030 Datasheet(PDF) 14 Page - Texas Instruments

Part # REF3030
Description  REF30E and REF30, Low Current Voltage Reference in SOT-23-3
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF3030 Datasheet(HTML) 14 Page - Texas Instruments

Back Button REF3030 Datasheet HTML 10Page - Texas Instruments REF3030 Datasheet HTML 11Page - Texas Instruments REF3030 Datasheet HTML 12Page - Texas Instruments REF3030 Datasheet HTML 13Page - Texas Instruments REF3030 Datasheet HTML 14Page - Texas Instruments REF3030 Datasheet HTML 15Page - Texas Instruments REF3030 Datasheet HTML 16Page - Texas Instruments REF3030 Datasheet HTML 17Page - Texas Instruments REF3030 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
6.8 Typical Characteristics REF30 (continued)
at TA = 25°C, VIN = 5V, and REF3025 used for typical characteristics (unless otherwise noted)
40 ms/div
V
IN
V
OUT
CL = 0, 3V Startup
Figure 6-20. Step Response
10
s/div
m
V
IN
V
OUT
CL = 0, 5V startup
Figure 6-21. Step Response
10 ms/div
V
IN
V
OUT
Figure 6-22. Line Transient Response
10 ms/div
I = 1 mA
L
V
OUT
I = 0 mA
L
CL = 0
Figure 6-23. 0mA to 1mA Load Transient
10 ms/div
I = 5 mA
L
V
OUT
I = 0 mA
L
CL = 0
Figure 6-24. 0mA to 5mA Load Transient
40 ms/div
V
OUT
I = 0 mA
L
I = 6 mA
L
CL = 1μF
Figure 6-25. 1mA to 6mA Load Transient
REF30, REF30E
SBVS032J – MARCH 2002 – REVISED JULY 2025
www.ti.com
14
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: REF30 REF30E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com