Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ACT74 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74ACT74
Description  SN74ACT74-Q1 Automotive Dual D-Type Flip-Flops With Preset and Clear
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74ACT74 Datasheet(HTML) 5 Page - Texas Instruments

  SN74ACT74 Datasheet HTML 1Page - Texas Instruments SN74ACT74 Datasheet HTML 2Page - Texas Instruments SN74ACT74 Datasheet HTML 3Page - Texas Instruments SN74ACT74 Datasheet HTML 4Page - Texas Instruments SN74ACT74 Datasheet HTML 5Page - Texas Instruments SN74ACT74 Datasheet HTML 6Page - Texas Instruments SN74ACT74 Datasheet HTML 7Page - Texas Instruments SN74ACT74 Datasheet HTML 8Page - Texas Instruments SN74ACT74 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
5.4 Thermal Information
PACKAGE
PINS
THERMAL METRIC(1)
UNIT
RθJA
RθJC(top)
RθJB
ΨJT
ΨJB
RθJC(bot)
PW (TSSOP)
14
145.7
76.5
102.0
18.8
100.7
N/A
°C/W
BQA (WQFN)
14
91.3
99.4
61.0
14.5
60.8
37.0
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
note.
5.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
-40°C to 125°C
UNIT
MIN
TYP
MAX
VOH
IOH = -50µA
4.5V
4.4
4.499
V
5.5V
5.4
5.499
IOH = -24mA
4.5V
3.7
4.19
IOH = -24mA
5.5V
4.7
5.22
IOH = -50mA
5.5V
3.85
4.9
IOH = -75mA
5.5V
3.85
4.57
VOL
IOL = 50µA
4.5V
0.001
0.1
V
5.5V
0.001
0.1
IOL = 24mA
4.5V
0.16
0.5
IOL = 24mA
5.5V
0.14
0.5
IOL = 50mA
5.5V
0.3
1.65
IOL = 75mA
5.5V
0.47
1.65
II
VI = 5.5V or GND
0V to 5.5V
±0.008
±1
µA
ICC
VI = VCC or GND, IO = 0
5.5V
0.1
20
µA
ΔICC
VI = VCC – 2.1V; Any Input
4.5V to 5.5V
0.1
1.5
mA
CI
VI = VCC or GND
5V
2
pF
CPD
CL = 50pF, F = 1MHz
5V
63
pF
5.6 Timing Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETE
R
DESCRIPTION
CONDITION
VCC
-40°C to 125°C
UNIT
MIN
MAX
fCLOCK
Clock frequency
5V
173
MHz
tW
Pulse duration
PRE or CLR low
5V
7
ns
tW
Pulse duration
CLK
5V
5.8
ns
tSU
Setup time
Data before CLK edge
5V
4
ns
tSU
Setup time
PRE or CLR low inactive
5V
0.5
ns
tH
Hold time
Data after CLK edge
5V
1
ns
www.ti.com
SN74ACT74-Q1
SCASE84 – APRIL 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: SN74ACT74-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com