Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUX80 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BUX80
Description  HIGH VOLTAGE NPN SILICON POWER TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUX80 Datasheet(HTML) 2 Page - STMicroelectronics

  BUX80 Datasheet HTML 1Page - STMicroelectronics BUX80 Datasheet HTML 2Page - STMicroelectronics BUX80 Datasheet HTML 3Page - STMicroelectronics BUX80 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
THERMAL DATA
Rthj-case
Thermal Resistance Junction-case
Max
1.1
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICES
Collector Cut-off
Current (VBE = 0)
VCE = 800 V
VCE = 800 V
Tcase = 125
o C
1
3
mA
mA
IEBO
Emitter Cut-off Current
(IC = 0)
VBE = 10 V
10
mA
VCEO(sus)
∗ Collector-Emitter
SustainingVoltage
(IB = 0)
IC = 100 mA
400
V
VCER(sus)
∗ Collector-Emitter
Sustaining
Voltage (RBE = 50
Ω)
IC = 100 mA
500
V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = 5 A
IB = 1 A
IC = 8 A
IB = 2.5 A
1.5
3
V
V
VBE(sat)
∗ Base-Emitter
Saturation Voltage
IC = 5 A
IB = 1 A
IC = 8 A
IB = 2.5 A
1.4
1.8
V
V
hFE
∗
DC Current Gain
IC = 1.2 A
VCE = 5 V
30
ton
Turn-on Time
IC = 5 A
IB1 = 1 A
VCC = 250 V
0.5
µs
ts
Storage Time
IC = 5 A
IB1 = 1 A
IB2
= - 2 A
VCC= 250 V
3.5
µs
tf
Fall Time
IC = 5 A
IB1 = 1 A
IB2
= - 2 A
VCC= - 250 V
0.5
µs
∗ Pulsed: Pulse duration = 300µs, duty cycle = 1.5 %
BUX80
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com