Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUX98 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BUX98
Description  HIGH POWER NPN SILICON TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUX98 Datasheet(HTML) 1 Page - STMicroelectronics

  BUX98 Datasheet HTML 1Page - STMicroelectronics BUX98 Datasheet HTML 2Page - STMicroelectronics BUX98 Datasheet HTML 3Page - STMicroelectronics BUX98 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BUX98
BUX98A
HIGH POWER NPN SILICON TRANSISTORS
s
SGS-THOMSON PREFERRED SALESTYPES
s
NPN TRANSISTOR
s
HIGH VOLTAGE CAPABILITY
s
HIGH CURRENT CAPABILITY
s
FAST SWITCHING SPEED
APPLICATIONS
s
HIGH FREQUENCY AND EFFICENCY
CONVERTERS
s
LINEAR AND SWITCHING INDUSTRIAL
EQUIPMENT
DESCRIPTION
The BUX98 and BUX98A are silicon multiepitaxial
mesa NPN transistor in jedec TO-3 metal case,
intended and industrial applications from single
and three-phase mains operation.
INTERNAL SCHEMATIC DIAGRAM
July 1997
1
2
TO-3
(version R)
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
BUX98
BUX98A
VCER
Collector-Emitter Voltage (RBE =
≤ 10 Ω)
850
1000
V
VCES
Collector-Base Voltage (VBE = 0)
850
1000
V
VCEO
Collector-Emitter Voltage (IB = 0)
400
450
V
VEBO
Emitter-Base Voltage (IC = 0)
7
V
IC
Collector Current
30
A
ICM
Collector Peak Current (tp < 5 ms)
60
A
ICP
Collector Peak Current non Rep. (tp < 20
µs)
80
A
IB
Base Current
8
A
IBM
Base Peak Current (tp < 5 ms)
30
A
Ptot
Total Power Dissipation at Tcase
< 25 oC
250
W
Tstg
Storage Temperature
-65 to 200
oC
Tj
Max Operating Junction Temperature
200
oC
1/4


Similar Part No. - BUX98

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BUX98 SEME-LAB-BUX98 Datasheet
18Kb / 2P
HIGH VOLTAGE FAST SWITCHING
logo
STMicroelectronics
BUX98 STMICROELECTRONICS-BUX98 Datasheet
45Kb / 4P
HIGH POWER NPN SILICON TRANSISTORS, imag
Sep-2003
logo
Savantic, Inc.
BUX98 SAVANTIC-BUX98 Datasheet
112Kb / 3P
Silicon NPN Power Transistors
logo
Comset Semiconductor
BUX98 COMSET-BUX98 Datasheet
130Kb / 3P
HIGH VOLTAGE FAST SWITCHING
BUX98 COMSET-BUX98 Datasheet
79Kb / 3P
HIGH VOLTAGE FAST SWITCHING
More results

Similar Description - BUX98

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUW48 STMICROELECTRONICS-BUW48 Datasheet
62Kb / 4P
HIGH POWER NPN SILICON TRANSISTORS
Jul-1997
BUX48 STMICROELECTRONICS-BUX48 Datasheet
89Kb / 7P
HIGH POWER NPN SILICON TRANSISTORS
Jan-2000
logo
Boca Semiconductor Corp...
2N6338 BOCA-2N6338 Datasheet
134Kb / 3P
HIGH-POWER NPN SILICON TRANSISTORS
logo
ON Semiconductor
2N6338 ONSEMI-2N6338 Datasheet
66Kb / 4P
High-Power NPN Silicon Transistors
May, 2001 ??Rev. 10
logo
Comset Semiconductor
2N6253 COMSET-2N6253 Datasheet
207Kb / 4P
HIGH POWER SILICON NPN TRANSISTORS
logo
New Jersey Semi-Conduct...
2N6274 NJSEMI-2N6274 Datasheet
248Kb / 2P
HIGH-POWER NPN SILICON TRANSISTORS
logo
Comset Semiconductor
2N6253 COMSET-2N6253_12 Datasheet
88Kb / 4P
HIGH POWER SILICON NPN TRANSISTORS
logo
New Jersey Semi-Conduct...
BUW48 NJSEMI-BUW48 Datasheet
104Kb / 3P
HIGH POWER NPN SILICON TRANSISTORS
BUX98 NJSEMI-BUX98 Datasheet
97Kb / 3P
HIGH POWER NPN SILICON TRANSISTORS
logo
M/A-COM Technology Solu...
2N3902 MA-COM-2N3902 Datasheet
501Kb / 4P
NPN High Power Silicon Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com