Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JN2FS04FK1-R Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # JN2FS04FK1-R
Description  Small circular connector, With bushing(Black), 4 pos., Plug
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

JN2FS04FK1-R Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  JN2FS04FK1-R Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. JN2FS04FK1-R Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. JN2FS04FK1-R Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Contact Size X No. of Contacts
#20*4
Applicable Wire (Cross-
sectional Area of Conductor)
  
Applicable Wire Insulation
Diameter
2.7 max.
Polarizing Key Position
Normal position
Material of Contact
copper alloy
Finish of Contact in Connecting
Area
Silver plating
Outer Shell Color
Black
Total Current Rating (A)
  
Contact Resistance (milliohm)
  
Dielectric Withstanding
Voltage (1 minute)
2,000VAC
Insulation Resistance
1,000MΩMIN
Mating Cycles
500 times
Operating Temperature Range
-20 Deg. C to +100 Deg. C
Applicable Contacts
  
Applicable Housing
  
Applicable Accessory
  
Applicable Product Part
Numbers
  
Applicable Wire Diameter
5.7 to 7.3 mm
RoHS compliant
10 substances (2011/65/EU, (EU)2015/863)
REACH compliant
Combination
JN1AS04MK2R
JN1HS04MK1-R
JN1HS04MK4S
JN2AS04MK2-R
JN1AS04MK1
JN1HS04MKKS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com