Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JN2FS04FK1X-R Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # JN2FS04FK1X-R
Description  Small circular connector, With bushing(Black), 4 pos., Plug
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

JN2FS04FK1X-R Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  JN2FS04FK1X-R Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. JN2FS04FK1X-R Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. JN2FS04FK1X-R Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
JN2FS04FK1X-R
Features
Small circular connector, With bushing(Black), 4 pos., Plug
Part Number
JN2FS04FK1X-R
Status
Active
Number of Positions
4 pos.
Rated Current
5A
Rated Voltage
  
Waterproof/ Non-waterproof
Waterproof (when mated)
Applications
Industrial equipment interface  
Connector Type
Plug
Connector Style
Right angle
Contact Type
Socket
Wire Termination Method
Soldering
Applicable Wire Size (AWG)
16 max.
Coupling Style
One-touch locking
Contact Size
#20
Shell Size
S
Contact Arrangement Code
  
Product Details


Similar Part No. - JN2FS04FK1X-R

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
JN2FS04FK1X-R JAE-JN2FS04FK1X-R Datasheet
388Kb / 22P
Small Circular Connector
More results

Similar Description - JN2FS04FK1X-R

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
JN1 JAE-JN1 Datasheet
388Kb / 22P
Small Circular Connector
logo
ITT Industries
CA3106E10SL-3P-B-F80 ITT-CA3106E10SL-3P-B-F80 Datasheet
229Kb / 1P
Plug, straight Endbell with clamp and bushing
CA3106E18-1PB ITT-CA3106E18-1PB Datasheet
230Kb / 1P
Plug, straight Endbell with clamp and bushing
CA3106E22-14PBF80F0 ITT-CA3106E22-14PBF80F0 Datasheet
234Kb / 1P
Plug, straight Endbell with clamp and bushing
logo
Japan Aviation Electron...
JN1W JAE-JN1W Datasheet
269Kb / 17P
Small Circular Connector
logo
PHOENIX CONTACT
2304908 PHOENIX-2304908 Datasheet
75Kb / 3P
Assembled circular cable, with two 20-pos.
2304911 PHOENIX-2304911 Datasheet
76Kb / 3P
Assembled circular cable, with two 20-pos.
2304924 PHOENIX-2304924 Datasheet
75Kb / 3P
Assembled circular cable, with two 20-pos.
2305237 PHOENIX-2305237 Datasheet
76Kb / 3P
Assembled circular cable, with one 20-pos. and two 14-pos.
logo
Lapp.
52220110 LAPP-52220110 Datasheet
133Kb / 2P
Bushing Black
Version: 05
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com