Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JN2FS04FKKX-R Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # JN2FS04FKKX-R
Description  Small circular connector, Kit type (With 2 types of rubber bushing), 4 pos., Plug
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

JN2FS04FKKX-R Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  JN2FS04FKKX-R Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. JN2FS04FKKX-R Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. JN2FS04FKKX-R Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
JN2FS04FKKX-R
Features
Small circular connector, Kit type (With 2 types of rubber bushing), 4 pos., Plug
Part Number
JN2FS04FKKX-R
Status
Active
Number of Positions
4 pos.
Rated Current
5A
Rated Voltage
  
Waterproof/ Non-waterproof
Waterproof (when mated)
Applications
Industrial equipment interface  
Connector Type
Plug
Connector Style
Right angle
Contact Type
Socket
Wire Termination Method
Soldering
Applicable Wire Size (AWG)
16 max.
Coupling Style
One-touch locking
Contact Size
#20
Shell Size
S
Contact Arrangement Code
  
Product Details


Similar Part No. - JN2FS04FKKX-R

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
JN2FS04FKKX-R JAE-JN2FS04FKKX-R Datasheet
388Kb / 22P
Small Circular Connector
More results

Similar Description - JN2FS04FKKX-R

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
C-2008611 MACOM-C-2008611 Datasheet
93Kb / 1P
PLUG KIT, UNSHIELDED, INDUSTRIAL CIRCULAR ETHERNET CONNECTOR
C-2008614 MACOM-C-2008614 Datasheet
98Kb / 1P
PLUG KIT, SHIELDED, INDUSTRIAL CIRCULAR ETHERNET CONNECTOR
logo
Japan Aviation Electron...
JN1 JAE-JN1 Datasheet
388Kb / 22P
Small Circular Connector
logo
Tyco Electronics
172888-2 MACOM-172888-2 Datasheet
27Kb / 1P
070 TYPE RUBBER PLUG
logo
Japan Aviation Electron...
JN1W JAE-JN1W Datasheet
269Kb / 17P
Small Circular Connector
logo
Harwin Plc
C90-3420-4 HARWIN-C90-3420-4 Datasheet
61Kb / 1P
RUBBER BUSHING
logo
PHOENIX CONTACT
2304908 PHOENIX-2304908 Datasheet
75Kb / 3P
Assembled circular cable, with two 20-pos.
2304911 PHOENIX-2304911 Datasheet
76Kb / 3P
Assembled circular cable, with two 20-pos.
2304924 PHOENIX-2304924 Datasheet
75Kb / 3P
Assembled circular cable, with two 20-pos.
logo
Amphenol Corporation
AT2PS-CKIT AMPHENOL-AT2PS-CKIT Datasheet
216Kb / 1P
KIT, AT SERIES, 2 POS. PLUG, RECEPTACLE, CONTACTS, AND WEDGELOCKS
A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com