Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUY49S Datasheet(PDF) 2 Page - STMicroelectronics

Part # BUY49S
Description  SILICON NPN TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUY49S Datasheet(HTML) 2 Page - STMicroelectronics

  BUY49S Datasheet HTML 1Page - STMicroelectronics BUY49S Datasheet HTML 2Page - STMicroelectronics BUY49S Datasheet HTML 3Page - STMicroelectronics BUY49S Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
THERMAL DATA
Rthj-case
Rthj-amb
Thermal Resistance Junction-case
Max
Thermal Resistance Junction-case-ambient
Max
15
175
oC/W
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICBO
Collector Cut-off
Current (IE = 0 )
VCB = 200 V
VCB = 200 V
Tcase = 150
oC
0.1
50
µA
µA
V(BR)CBO* Collector-Base
Breakdown Voltage
(IE = 0 )
IC = 100
µA
250
V
VCEO(sus)* Collector-Emitter
Sustaining Voltage
(IB = 0)
IC = 20 mA
200
V
VEBO*
Emitter-base Voltage
(IC = 0)
IE = 1 mA
6
V
VCE(sat)*
Collector-Emitter
Saturation Voltage
IC = 0.5 A
IB = 50 mA
0.2
V
VBE(sat)*
Collector-Emitter
Saturation Voltage
IC = 0.5 A
IB = 50 mA
1.1
V
hFE*
DC Current Gain
IC = 20 mA
VCE = 5 V
IC = 0.5 A
VCE = 5 V
IC = 20 mA
VCE = 2 V
Tcase = - 55
oC
40
40
16
80
fT
Transistor Frequency
IC = 100 mA
VCE = 10 V
50
MHz
CCBO
Collector-base
Capacitance
IE = 0
VCB = 10 V
f = 1 MHz
30
pF
ton
Turn-on Time
IC = 0.5 A
VCC = 20 V
0.3
µs
toff
Turn-off Time
IB1 = - IB2 = 50 mA
1
µs
Is/b**
Second Breakdown
Collector Current
VCE = 50 V
0.2
A
∗ Pulsed: Pulse duration = 300 µs, duty cycle = 1.5 %
∗∗ Pulsed: 1 s, non repetitive pulse.
BUY49S
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com