Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0050 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0050
Description  Xbee USB adapter (FTDI ready)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0050 Datasheet(HTML) 1 Page - DFROBOT

  DFR0050 Datasheet HTML 1Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
 
Xbee USB adapter (FTDI ready)
SKU:DFR0050
INTRODUCTION
The upgraded DFRobot Xbee USB adapter is designed for the XBee module configuration parameters to facilitate using or to
work as a FTDI writer. The new version of Xbee USB adapter is also welded with the female pin for FTDI so that users can
directly use the adapter as a FTDI program writer, such as Arduino FIO/pro/mini、lilypad Arduino and so on. It's a must-have
for interactive electronic installations and projects.
The adapter allows the PC to configure XBee / Bluetooth module and the controller / development board for wireless data
transmission via mini USB cable. You can upload your program through the wireless controller module, or conduct wireless real-
time data transmission. The adapter uses a FTDI232 USB-UART converter chip to ensure stable and reliable data transmission.
FEATURES
Used for the XBee module configuration parameters
Easily connected to a PC via mini USB cable
XBee-setting support software X-CTU
Also used as a USB-TTL adapter
Voltage: +5V(USB Power)
 
 
Powered By DFRobot © 2008-2017


Similar Part No. - DFR0050

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0051 DFROBOT-DFR0051 Datasheet
249Kb / 3P
Analog Voltage Divider SKU: DFR0051
DFR0052 DFROBOT-DFR0052 Datasheet
315Kb / 3P
Analog Piezo Disk Vibration Sensor (SKU:DFR0052)
DFR0053 DFROBOT-DFR0053 Datasheet
135Kb / 3P
Analog Slide Position Sensor (SKU: DFR0053)
DFR0054 DFROBOT-DFR0054 Datasheet
226Kb / 4P
Analog Rotation Sensor V1 (SKU: DFR0054)
DFR0055 DFROBOT-DFR0055 Datasheet
220Kb / 6P
Terminal sensor adapter V2 SKU: DFR0055
More results

Similar Description - DFR0050

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UMFT200XD-01 ETC2-UMFT200XD-01 Datasheet
1Mb / 28P
FTDI USB Peripheral Series Strategy
logo
SparkFun Electronics
WRL-11812 SPARKFUN-WRL-11812 Datasheet
114Kb / 1P
SparkFun XBee Explorer USB
11/17/2015
logo
Coolgear Inc.
CG-4X232FTDI COOLGEAR-CG-4X232FTDI Datasheet
120Kb / 2P
4-port USB to RS232 Adapter FTDI Cable
USB-COMIPLUS COOLGEAR-USB-COMIPLUS Datasheet
113Kb / 1P
USB 2.0 Industrial Adapter User Selectable RS232/422/485 FTDI Chip
USBG-4X232P1 COOLGEAR-USBG-4X232P1 Datasheet
489Kb / 2P
USB 4-Port Serial Adapter - USB 2.0 to DB-9 Port RS232 with FTDI CHIP
USBG-COM-X COOLGEAR-USBG-COM-X Datasheet
125Kb / 2P
USB to Industrial 5Volt RS232 Serial Adapter FTDI
USBG-SSRS1 COOLGEAR-USBG-SSRS1 Datasheet
128Kb / 3P
USB RS-232 Adapter Industrial Isolated – Surge Protected FTDI Chip
XC-232-C COOLGEAR-XC-232-C Datasheet
130Kb / 2P
Dual Port USB to Serial RS-232 DB-9 Adapter Cable FTDI Chip
logo
Trenz Electronic
TE0790-03 TRENZ-TE0790-03 Datasheet
166Kb / 3P
XMOD FTDI JTAG Adapter
logo
Coolgear Inc.
USBG-422MINI COOLGEAR-USBG-422MINI Datasheet
139Kb / 2P
Mini USB to Terminal RS422 RS485 FTDI Plug-in Adapter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com