Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0053 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0053
Description  Analog Slide Position Sensor (SKU: DFR0053)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0053 Datasheet(HTML) 1 Page - DFROBOT

  DFR0053 Datasheet HTML 1Page - DFROBOT DFR0053 Datasheet HTML 2Page - DFROBOT DFR0053 Datasheet HTML 3Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
Analog Slide Position Sensor (SKU: DFR0053) 
Contents
1 Introduction
2 Specification
3 Pin Definition
4 Connection Diagram
5 Sample Code
Introduction
The DFRobot Slide Position Sensor is based on straight-slip potentiometer position sensor and can
be combined easily with the Arduino sensor expansion board. The sensor includes two outputs to
allow the user to average the values and minimize random sensor fluctuations.
Specification
Interface Type: Analog
Compatible with the Arduino sensor expansion board
Voltage: +5 V
Size: 86X22.5mm
Weight: 15g


Similar Part No. - DFR0053

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0050 DFROBOT-DFR0050 Datasheet
76Kb / 1P
Xbee USB adapter (FTDI ready)
DFR0051 DFROBOT-DFR0051 Datasheet
249Kb / 3P
Analog Voltage Divider SKU: DFR0051
DFR0052 DFROBOT-DFR0052 Datasheet
315Kb / 3P
Analog Piezo Disk Vibration Sensor (SKU:DFR0052)
DFR0054 DFROBOT-DFR0054 Datasheet
226Kb / 4P
Analog Rotation Sensor V1 (SKU: DFR0054)
DFR0055 DFROBOT-DFR0055 Datasheet
220Kb / 6P
Terminal sensor adapter V2 SKU: DFR0055
More results

Similar Description - DFR0053

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
AMS22S BOURNS-AMS22S Datasheet
202Kb / 2P
AMS22S Non-Contacting Analog Rotary Position Sensor
AMS22B BOURNS-AMS22B_14 Datasheet
270Kb / 2P
Non-Contacting Analog Rotary Position Sensor
AMS22S BOURNS-AMS22S_14 Datasheet
269Kb / 2P
Non-Contacting Analog Rotary Position Sensor
AMS22U BOURNS-AMS22U_14 Datasheet
293Kb / 2P
Non-Contacting Analog Rotary Position Sensor
AMS22B5A1BHAS BOURNS-AMS22B5A1BHAS Datasheet
264Kb / 2P
Non-Contacting Analog Rotary Position Sensor
AMS22B5A1BLAF BOURNS-AMS22B5A1BLAF Datasheet
264Kb / 2P
Non-Contacting Analog Rotary Position Sensor
AMS22S5A1BHAF BOURNS-AMS22S5A1BHAF Datasheet
259Kb / 2P
Non-Contacting Analog Rotary Position Sensor
AMS22S5A1BHBF BOURNS-AMS22S5A1BHBF Datasheet
259Kb / 2P
Non-Contacting Analog Rotary Position Sensor
AMS22U5A1BHAR BOURNS-AMS22U5A1BHAR Datasheet
277Kb / 2P
Non-Contacting Analog Rotary Position Sensor
logo
Standex Electronics, In...
S12H-275VPA-RGCB2 STANDEX-S12H-275VPA-RGCB2 Datasheet
475Kb / 3P
Analog Ferrous Metal Position Sensor
Rev ABA
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com