Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSR-4 Datasheet(PDF) 1 Page - Sumida Corporation

Part # CSR-4
Description  RF COILS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CSR-4 Datasheet(HTML) 1 Page - Sumida Corporation

  CSR-4 Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Type: CSR-4
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
RF COILS < SMD Type: CSR Series>
4.8±0.2
5.8±0.2
4.5±0.2
◆ Product Description
・5.0×5.0mm Max.(L×W), 4.7mm Max. Height.
・Inductance: 5μH Max.
・Operating frequency:150MHz Max.
・In addition to the reference versions of parameters shown here,
custom designs are available to meet your exact requirements.
◆ Feature
・Variable shielded type.
・User terminals are separated from winding terminals to prevent wire breaking effectively.
・RoHS Compliance.
◆ Dimensions (mm)
* Dimension does not include solder used on coil.
* Pin pitch should be measured at the root of terminal.
◆ Connection (Bottom View)
“S”is winding start.
◆ Specification(Part No. S07060243)
Item
(1−3)
Measuring Condition
Inductance
1.5μH ±2% Variable
7.96MHz
Unloaded Q
20 (Ref.)
7.96MHz
3
1
4
6
S


Similar Part No. - CSR-4

ManufacturerPart #DatasheetDescription
logo
KITAGAWA GmbH
CSR-0-100-65 KGS-CSR-0-100-65 Datasheet
307Kb / 1P
Carbon filled silicone based rubber.
CSR-0-25-15 KGS-CSR-0-25-15 Datasheet
307Kb / 1P
Carbon filled silicone based rubber.
CSR-0-60-30 KGS-CSR-0-60-30 Datasheet
307Kb / 1P
Carbon filled silicone based rubber.
CSR-0-65-30 KGS-CSR-0-65-30 Datasheet
307Kb / 1P
Carbon filled silicone based rubber.
logo
Bud Industries, Inc.
CSR-8060 BUD-CSR-8060 Datasheet
59Kb / 1P
COMPUTER SERVER RACK
More results

Similar Description - CSR-4

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CFE534 SUMIDA-CFE534 Datasheet
138Kb / 1P
RF Coils
SM76 SUMIDA-SM76 Datasheet
35Kb / 1P
RF Coils
S-10E SUMIDA-S-10E Datasheet
114Kb / 1P
RF COILS
S-7LFN SUMIDA-S-7LFN Datasheet
159Kb / 1P
RF COILS
S-7LBFN SUMIDA-S-7LBFN Datasheet
156Kb / 1P
RF COILS
S-7JLB SUMIDA-S-7JLB Datasheet
218Kb / 1P
RF COILS
S-7GDJ SUMIDA-S-7GDJ Datasheet
220Kb / 1P
RF COILS
S-7GC SUMIDA-S-7GC Datasheet
30Kb / 1P
RF COILS
QU57 SUMIDA-QU57 Datasheet
121Kb / 1P
RF COILS
QU-10 SUMIDA-QU-10 Datasheet
117Kb / 1P
RF COILS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com