Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0055 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0055
Description  Terminal sensor adapter V2 SKU: DFR0055
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0055 Datasheet(HTML) 1 Page - DFROBOT

  DFR0055 Datasheet HTML 1Page - DFROBOT DFR0055 Datasheet HTML 2Page - DFROBOT DFR0055 Datasheet HTML 3Page - DFROBOT DFR0055 Datasheet HTML 4Page - DFROBOT DFR0055 Datasheet HTML 5Page - DFROBOT DFR0055 Datasheet HTML 6Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
 
Terminal sensor adapter V2 SKU: DFR0055
Contents
1 Introduction
2 Specifications
3 Pin Out
4 Application with DS18B20
4.1 Application Connection Diagram
5 Sample Code
6 Version history
Introduction
This is universal sensor adapter V2.0, it can be accessed by digital input modules and analog input
module. The module with Arduino sensor expansion board, in combination.Improvment compare
with the old version,we add a 10K resistor between A & B, A & C respectively,so that you needn't to
connect a addition resistor while the sensor must have a pull-up or pull-down resistor. Why need a
pull-up or pull down resistor, please refer to"Uderstanding pull-up and pull-down resistors"
Generally speaking, this terminal provides a much easier way to connect a switch or any modules
that requires pull-up/down resistor to microcontroller
Specifications
Voltage: +5 V
Current: <1000mA
Size: 22x34mm


Similar Part No. - DFR0055

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0050 DFROBOT-DFR0050 Datasheet
76Kb / 1P
Xbee USB adapter (FTDI ready)
DFR0051 DFROBOT-DFR0051 Datasheet
249Kb / 3P
Analog Voltage Divider SKU: DFR0051
DFR0052 DFROBOT-DFR0052 Datasheet
315Kb / 3P
Analog Piezo Disk Vibration Sensor (SKU:DFR0052)
DFR0053 DFROBOT-DFR0053 Datasheet
135Kb / 3P
Analog Slide Position Sensor (SKU: DFR0053)
DFR0054 DFROBOT-DFR0054 Datasheet
226Kb / 4P
Analog Rotation Sensor V1 (SKU: DFR0054)
More results

Similar Description - DFR0055

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
58595 GILWAY-58595 Datasheet
36Kb / 1P
50mr16bnfl25 12v 10/cs 1/sku
logo
TRIAD MAGNETICS
CMT908-V2 TRIAD-CMT908-V2 Datasheet
43Kb / 1P
CMT908-V2
logo
PHOENIX CONTACT
1790487 PHOENIX-1790487 Datasheet
95Kb / 3P
FFKDSA1/V2-7,62
1890154 PHOENIX-1890154 Datasheet
52Kb / 3P
PCB terminal block - FFKDSA1/V2-5,08- 7
1890167 PHOENIX-1890167 Datasheet
52Kb / 3P
PCB terminal block - FFKDSA1/V2-5,08- 3
1930771 PHOENIX-1930771 Datasheet
45Kb / 2P
PCB terminal block - FFKDSA1/ V2-5,08-16
logo
SparkFun Electronics
SPX-14687 SPARKFUN-SPX-14687 Datasheet
145Kb / 2P
Robotic Finger Sensor v2
12????9
logo
List of Unclassifed Man...
ESP8266 ETC-ESP8266 Datasheet
913Kb / 8P
FireBeetle ESP8266 IOT Microcontroller SKU: DFR0489
logo
DFROBOT
SEN0204 DFROBOT-SEN0204 Datasheet
382Kb / 5P
Non‐contact Liquid Level Sensor XKC‐Y25‐T12V SKU: SEN0204
logo
PHOENIX CONTACT
1700677 PHOENIX-1700677 Datasheet
238Kb / 8P
FFKDSA1/V2-5,08- 8 - PCB terminal block
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com