Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0060 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0060
Description  Screw Shield For Arduino (SKU: DFR0060)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0060 Datasheet(HTML) 1 Page - DFROBOT

  DFR0060 Datasheet HTML 1Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
 
 
Screw Shield For Arduino (SKU: DFR0060)
 
Introduction
The DFRobot Arduino-Compatible Screw Shield is a terminal expansion board that can be screwed
directly to the terminal on the thread and is reliable and convenient. It can be plugged into the
Arduino controller. You can use this shield to save yourself from the bad port connection. Feel
secure with this arduino-compatible screw shield.
Specification
Screw directly to the terminal on the thread
Can be plugged into the arduino controller
Dimensions: 20mm x 65mm
Powered By DFRobot © 2008-2017


Similar Part No. - DFR0060

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0061 DFROBOT-DFR0061 Datasheet
290Kb / 5P
Joystick Module For Arduino SKU:DFR0061
DFR0062 DFROBOT-DFR0062 Datasheet
201Kb / 2P
WiiChuck Adapter (Arduino Compatible)
8-10-18
DFR0063 DFROBOT-DFR0063 Datasheet
170Kb / 6P
I2C/TWI LCD1602 Module (Gadgeteer Compatible) (SKU: DFR0063)
8-10-18
DFR0064 DFROBOT-DFR0064 Datasheet
74Kb / 2P
386AMP Audio Amplifier Module (Arduino compatible)
DFR0067 DFROBOT-DFR0067 Datasheet
1Mb / 6P
DHT11 Temperature and Humidity Sensor
7/7/24
More results

Similar Description - DFR0060

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4DISPLAY-ADAPTOR-SHIELD ETC2-4DISPLAY-ADAPTOR-SHIELD Datasheet
668Kb / 8P
4D Arduino Adaptor Shield
logo
Newhaven Display Intern...
NHD-1.69-AU-SHIELD NEWHAVEN-NHD-1.69-AU-SHIELD Datasheet
1Mb / 13P
Graphic Color OLED Display Module Arduino UNO Shield
NHD-4.3CTP-SHIELD-L NEWHAVEN-NHD-4.3CTP-SHIELD-L Datasheet
1Mb / 12P
Color TFT Liquid Crystal Display Module Arduino Shield
NHD-4.3CTP-SHIELD-N NEWHAVEN-NHD-4.3CTP-SHIELD-N Datasheet
1Mb / 12P
Color TFT Liquid Crystal Display Module Arduino Shield
NHD-4.3CTP-SHIELD-V NEWHAVEN-NHD-4.3CTP-SHIELD-V Datasheet
1Mb / 12P
Color TFT Liquid Crystal Display Module Arduino Shield
NHD-4.3RTP-SHIELD-L NEWHAVEN-NHD-4.3RTP-SHIELD-L Datasheet
1Mb / 12P
Color TFT Liquid Crystal Display Module Arduino Shield
logo
ON Semiconductor
EVBUM2715 ONSEMI-EVBUM2715 Datasheet
4Mb / 37P
NCN5100 Arduino Shield Evaluation Board
February, 2020 ??Rev. 1
logo
SparkFun Electronics
DEV-14352 SPARKFUN-DEV-14352 Datasheet
244Kb / 3P
SparkFun Qwiic Shield for Arduino
10??3??7
DEV-13956 SPARKFUN-DEV-13956 Datasheet
1Mb / 26P
Arduino Weather Shield Hookup Guide V12
3/6/2017
logo
Infineon Technologies A...
BTN9970 INFINEON-BTN9970 Datasheet
581Kb / 16P
BTN9970 / BTN9990 Motor control shield Arduino shield for evaluation
Rev. 1.1 9/23/2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com