Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0063 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0063
Description  I2C/TWI LCD1602 Module (Gadgeteer Compatible) (SKU: DFR0063)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0063 Datasheet(HTML) 1 Page - DFROBOT

  DFR0063 Datasheet HTML 1Page - DFROBOT DFR0063 Datasheet HTML 2Page - DFROBOT DFR0063 Datasheet HTML 3Page - DFROBOT DFR0063 Datasheet HTML 4Page - DFROBOT DFR0063 Datasheet HTML 5Page - DFROBOT DFR0063 Datasheet HTML 6Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
  
 
 
I2C/TWI LCD1602 Module (Gadgeteer
Compatible) (SKU: DFR0063)
Introduction
This is another great I2C 16x2 LCD display compatible with Gadgeteer modules from DFRobot.
With limited pin resources, your project will quicly run out of resources using normal LCDs. With this
I2C interface LCD module, you only need 2 lines (I2C)to display the information.If you already have
I2C devices in your project, this LCD module actually cost no more resources at all. The adress can
be set from 0x20-0x27. Fantastic for Arduino or gadgeteer based projects.
Specification
I2C Address:0x20-0x27(0x20 default)
Back lit (Blue with white char color)
Supply voltage: 5V
Interface:I2C/TWI x1,Gadgeteer interface x2
Adjustable contrast
Size:82x35x18 mm


Similar Part No. - DFR0063

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0060 DFROBOT-DFR0060 Datasheet
84Kb / 1P
Screw Shield For Arduino (SKU: DFR0060)
DFR0061 DFROBOT-DFR0061 Datasheet
290Kb / 5P
Joystick Module For Arduino SKU:DFR0061
DFR0062 DFROBOT-DFR0062 Datasheet
201Kb / 2P
WiiChuck Adapter (Arduino Compatible)
8-10-18
DFR0064 DFROBOT-DFR0064 Datasheet
74Kb / 2P
386AMP Audio Amplifier Module (Arduino compatible)
DFR0067 DFROBOT-DFR0067 Datasheet
1Mb / 6P
DHT11 Temperature and Humidity Sensor
7/7/24
More results

Similar Description - DFR0063

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24C01A-W ROHM-BR24C01A-W Datasheet
341Kb / 13P
I2C BUS compatible serial EEPROM
BR24C08 ROHM-BR24C08 Datasheet
298Kb / 12P
I2C BUS compatible serial EEPROM
logo
Sony Corporation
CXA2040AQ SONY-CXA2040AQ Datasheet
257Kb / 21P
I2C Bus-Compatible Video Switch
CXA2040Q SONY-CXA2040Q Datasheet
381Kb / 22P
I2C Bus-Compatible Video Switch
logo
Analog Devices
AD5280 AD-AD5280 Datasheet
156Kb / 10P
15V, I2C Compatible Digital Potentiometers
12-Mar-2002
logo
Epson ToYoCom
RTC8583 EPSONTOYOCOM-RTC8583 Datasheet
56Kb / 2P
I2C-BUS COMPATIBLE REAL TIME CLOCK MODULE
logo
Maxim Integrated Produc...
HSI2CMOD MAXIM-HSI2CMOD Datasheet
212Kb / 6P
Evaluates: HS I2C-Compatible Parts
Rev 0; 10/03
logo
Hamamatsu Corporation
S11059-01WT HAMAMATSU-S11059-01WT Datasheet
214Kb / 9P
I2C interface-compatible color sensor
logo
Texas Instruments
INA226-Q1 TI1-INA226-Q1 Datasheet
1Mb / 38P
I2C Compatible Current/Power Monitor
logo
ACE Technology Co., LTD...
ACE24CP02C ACE-ACE24CP02C Datasheet
503Kb / 12P
I2C-Compatible Serial EEPROM
VER 1.1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com