Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0064 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0064
Description  386AMP Audio Amplifier Module (Arduino compatible)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0064 Datasheet(HTML) 1 Page - DFROBOT

  DFR0064 Datasheet HTML 1Page - DFROBOT DFR0064 Datasheet HTML 2Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
386AMP Audio Amplifier Module (Arduino compatible)
SKU:DFR0064
INTRODUCTION
This DFRobot 386AMP audio amplifier module uses the National Semiconductor LM386 audio power amplifier chip. It has 20
voltage gain.
In the 6V power supply, it's static power consumption of only 24mW, the module is suitable for battery-powered
forum. The 386AMP audio amplifier can be connected to MIC or MP3 acoustic sensor module, the sound from the speakers
after the expansion release. It is ideal for robot human-machine voice interaction and sound amplification.
SPECIFICATION
Power supply:4-12V
Output power:VS = 6V, RL = 8W,P=325mW,Peak output 500mW
Voltage Gain:VS = 6V, f = 1 kHz,Av=26dB
Band width:300KHz
Size:45x30mm (1.8x1.2in)


Similar Part No. - DFR0064

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0060 DFROBOT-DFR0060 Datasheet
84Kb / 1P
Screw Shield For Arduino (SKU: DFR0060)
DFR0061 DFROBOT-DFR0061 Datasheet
290Kb / 5P
Joystick Module For Arduino SKU:DFR0061
DFR0062 DFROBOT-DFR0062 Datasheet
201Kb / 2P
WiiChuck Adapter (Arduino Compatible)
8-10-18
DFR0063 DFROBOT-DFR0063 Datasheet
170Kb / 6P
I2C/TWI LCD1602 Module (Gadgeteer Compatible) (SKU: DFR0063)
8-10-18
DFR0067 DFROBOT-DFR0067 Datasheet
1Mb / 6P
DHT11 Temperature and Humidity Sensor
7/7/24
More results

Similar Description - DFR0064

ManufacturerPart #DatasheetDescription
logo
Linear Technology
DC2026AFA LINER-DC2026AFA Datasheet
438Kb / 16P
Linduino One Isolated Arduino-Compatible Demonstration Board
logo
List of Unclassifed Man...
ULCD-28-PTU-AR ETC2-ULCD-28-PTU-AR Datasheet
377Kb / 6P
Arduino Display Module Pack
ULCD-32-PTU-AR ETC2-ULCD-32-PTU-AR Datasheet
375Kb / 6P
Arduino Display Module Pack
ULCD-43PT-AR ETC2-ULCD-43PT-AR Datasheet
379Kb / 6P
Arduino Display Module Pack Featuring a 4.3??Display Module
ULCD-24-PTU-AR ETC2-ULCD-24-PTU-AR Datasheet
415Kb / 10P
Arduino Display Module Pack Display Module
ULCD-35DT-AR ETC2-ULCD-35DT-AR Datasheet
325Kb / 7P
Arduino Display Module Pack
logo
Linear Dimensions Semic...
DC2026C LINEAR_DIMENSIONS-DC2026C Datasheet
449Kb / 18P
Linduino One Isolated Arduino-Compatible Demonstration Board
logo
Rohm
BD7411G-EVK-001 ROHM-BD7411G-EVK-001 Datasheet
695Kb / 3P
Arduino Uno
logo
Infineon Technologies A...
CYBT-243053-EVAL INFINEON-CYBT-243053-EVAL Datasheet
1Mb / 3P
EZBTTM MODULE ARDUINO EVALUATION BOARD
logo
Panasonic Semiconductor
RSN309W44B PANASONIC-RSN309W44B Datasheet
192Kb / 1P
Audio Power Amplifier Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com