Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0072 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0072
Description  Shiftout Module (SKU:DFR0072)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0072 Datasheet(HTML) 1 Page - DFROBOT

  DFR0072 Datasheet HTML 1Page - DFROBOT DFR0072 Datasheet HTML 2Page - DFROBOT DFR0072 Datasheet HTML 3Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
Shiftout Module (SKU:DFR0072)
 
Contents
1 Introduction
2 Pin out
2.1 Connection Details
3 Code
Introduction
At sometime or another you may run out of pins on your Arduino board and need to extend it with
shift registers. With this shift out module which is based on 74HC595. The datasheet refers to the
74HC595 as an "8-bit serial-in, serial or parallel-out shift register with output latches; 3-state." In
other words, you can use it to control 8 outputs at a time while only taking up a few pins on your
microcontroller. You can link multiple registers together to extend your output even more. It can also
be applies to 51, AVR, PIC and other microcontroller.
Note:This module can be multipled linked,but too much modules linked may affect the
working efficiency.Twenty may be better


Similar Part No. - DFR0072

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0071 DFROBOT-DFR0071 Datasheet
283Kb / 6P
SD Module (SKU: DFR0071)
DFR0075 DFROBOT-DFR0075 Datasheet
366Kb / 4P
ADKeyboard Module (SKU: DFR0075)
DFR0076 DFROBOT-DFR0076 Datasheet
341Kb / 4P
Flame sensor SKU: DFR0076
DFR0077 DFROBOT-DFR0077 Datasheet
514Kb / 3P
MAX202 RS232 to TTL Converter For Arduino
8-10-18
More results

Similar Description - DFR0072

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
6MBR10PD120 FUJI-6MBR10PD120 Datasheet
2Mb / 5P
IGBT Module(Power Integrated Module)
7MBP10PE120 FUJI-7MBP10PE120 Datasheet
1Mb / 5P
IGBT Module(Power Integrated Module)
7MBR15PE120 FUJI-7MBR15PE120 Datasheet
1Mb / 5P
IGBT Module(Power Integrated Module)
logo
List of Unclassifed Man...
MTC-16204X ETC-MTC-16204X Datasheet
88Kb / 1P
MODULE
logo
Mitsumi Electronics, Co...
WML-C06 MITSUMI-WML-C06 Datasheet
107Kb / 2P
Module
logo
SanRex Corporation
SBA500AA SANREX-SBA500AA Datasheet
131Kb / 2P
MODULE
logo
List of Unclassifed Man...
GM862-GPS ETC2-GM862-GPS Datasheet
443Kb / 2P
module
logo
Advantech Co., Ltd.
ADAM-4011 ADVANTECH-ADAM-4011 Datasheet
264Kb / 2P
Thermocouple Input Module Analog Input Module RTD Input Module
logo
List of Unclassifed Man...
AIRBON-F400 ETC-AIRBON-F400 Datasheet
382Kb / 17P
Module
BCD110 ETC-BCD110 Datasheet
1Mb / 25P
Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com