Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0075 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0075
Description  ADKeyboard Module (SKU: DFR0075)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0075 Datasheet(HTML) 1 Page - DFROBOT

  DFR0075 Datasheet HTML 1Page - DFROBOT DFR0075 Datasheet HTML 2Page - DFROBOT DFR0075 Datasheet HTML 3Page - DFROBOT DFR0075 Datasheet HTML 4Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
 
ADKeyboard Module (SKU: DFR0075)
ADKeyboard Module (SKU: DFR0075)
Contents
1 Introduction
2 Specifications
3 Pin out Diagram
4 Wiring Diagram
5 Sample Code
Introduction
This keyboard uses an analog input to read the five key state which saves IO resource for the
Arduino. It can be used together with our IO Expansion Shield_For Arduino(V5)_(SKU:_DFR0088) to
make amazing interactive project.
Specifications
Supply voltage: 5V
Interface: Analog
Size: 40x33mm


Similar Part No. - DFR0075

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0071 DFROBOT-DFR0071 Datasheet
283Kb / 6P
SD Module (SKU: DFR0071)
DFR0072 DFROBOT-DFR0072 Datasheet
176Kb / 3P
Shiftout Module (SKU:DFR0072)
DFR0076 DFROBOT-DFR0076 Datasheet
341Kb / 4P
Flame sensor SKU: DFR0076
DFR0077 DFROBOT-DFR0077 Datasheet
514Kb / 3P
MAX202 RS232 to TTL Converter For Arduino
8-10-18
More results

Similar Description - DFR0075

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
7MBR15PE120 FUJI-7MBR15PE120 Datasheet
1Mb / 5P
IGBT Module(Power Integrated Module)
logo
List of Unclassifed Man...
MTC-16204X ETC-MTC-16204X Datasheet
88Kb / 1P
MODULE
logo
Mitsumi Electronics, Co...
WML-C06 MITSUMI-WML-C06 Datasheet
107Kb / 2P
Module
logo
SanRex Corporation
SBA500AA SANREX-SBA500AA Datasheet
131Kb / 2P
MODULE
logo
Gilway Technical Lamp
58595 GILWAY-58595 Datasheet
36Kb / 1P
50mr16bnfl25 12v 10/cs 1/sku
logo
List of Unclassifed Man...
GM862-GPS ETC2-GM862-GPS Datasheet
443Kb / 2P
module
AIRBON-F400 ETC-AIRBON-F400 Datasheet
382Kb / 17P
Module
BCD110 ETC-BCD110 Datasheet
1Mb / 25P
Module
ESP8266 ETC-ESP8266 Datasheet
913Kb / 8P
FireBeetle ESP8266 IOT Microcontroller SKU: DFR0489
logo
DFROBOT
SEN0204 DFROBOT-SEN0204 Datasheet
382Kb / 5P
Non‐contact Liquid Level Sensor XKC‐Y25‐T12V SKU: SEN0204
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com