Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0077 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0077
Description  MAX202 RS232 to TTL Converter For Arduino
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0077 Datasheet(HTML) 2 Page - DFROBOT

  DFR0077 Datasheet HTML 1Page - DFROBOT DFR0077 Datasheet HTML 2Page - DFROBOT DFR0077 Datasheet HTML 3Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
This converter can be connected to an Arduino Serial pin (0,1) to convert standard Arduino ttl to
RS232. It allows arduino talk to hundreds of RS232 devices.
RS232 DB9 Pinout Diagram
RS-232 Maximum Cable Length
The maximum cable length for RS-232 is 50ft, but in practise depends on baud rate, cable
specific capacitance and ambient noise. The table below contains some rules-of-thumb from
experiments done by Texas Instruments years ago.
Baud rate 
Maximum range / cable length 
19200 
50ft 
9600 
500ft 
4800 
1000ft 



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com