Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0094 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0094
Description  Digital IR Receiver Module (SKU:DFR0094)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0094 Datasheet(HTML) 1 Page - DFROBOT

  DFR0094 Datasheet HTML 1Page - DFROBOT DFR0094 Datasheet HTML 2Page - DFROBOT DFR0094 Datasheet HTML 3Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
 
Digital IR Receiver Module (SKU:DFR0094)
Contents
1 Introduction
2 Specification
3 Wiring Diagram
4 Sample Code
Introduction
Digital IR Receiver Module (SKU:DFR0094)
IR is widely used in remoter control. With this IR receiver, the Arduino project is able to receive
command from any IR remoter controller if you have the right decoder. Well, it will be also easy to
make your own IR controller using IR transmitter.
Specification
Power Supply:5V
Interface:Digital
Modulate Frequency:38Khz
Module interface socket:JST PH2.0


Similar Part No. - DFR0094

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0095 DFROBOT-DFR0095 Datasheet
314Kb / 6P
DIGITAL IR Transmitter Module (SKU:DFR0095)
More results

Similar Description - DFR0094

ManufacturerPart #DatasheetDescription
logo
Rohm
RPM7200 ROHM-RPM7200 Datasheet
166Kb / 7P
IR Receiver Module
RPM7100 ROHM-RPM7100 Datasheet
175Kb / 8P
IR Receiver Module
RPM7236 ROHM-RPM7236 Datasheet
140Kb / 7P
IR Receiver Module
RPM7137 ROHM-RPM7137 Datasheet
213Kb / 8P
IR Receiver Module
RPM7138 ROHM-RPM7138 Datasheet
198Kb / 8P
IR Receiver Module
RPM7138-R ROHM-RPM7138-R Datasheet
120Kb / 8P
IR Receiver Module
RPM7140-R ROHM-RPM7140-R Datasheet
118Kb / 8P
IR Receiver Module
RPM7157-R ROHM-RPM7157-R Datasheet
156Kb / 8P
IR Receiver Module
RPM7236-R ROHM-RPM7236-R Datasheet
120Kb / 7P
IR Receiver Module
RPM6900 ROHM-RPM6900_08 Datasheet
108Kb / 8P
IR Receiver Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com