Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUY69A Datasheet(PDF) 2 Page - STMicroelectronics

Part # BUY69A
Description  HIGH VOLTAGE NPN SILICON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUY69A Datasheet(HTML) 2 Page - STMicroelectronics

  BUY69A Datasheet HTML 1Page - STMicroelectronics BUY69A Datasheet HTML 2Page - STMicroelectronics BUY69A Datasheet HTML 3Page - STMicroelectronics BUY69A Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
THERMAL DATA
Rthj-ca se
Thermal Resistance Junction-case
Max
1.75
oC/W
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
ICES
Collect or Cut-off
Current (VBE =0)
VCE =1000 V
1
mA
IEBO
Emitt er Cut-off Current
(IC =0)
VEB =8 V
1
mA
VCEO(sus)
Collect or-Emitter
Sustaining Voltage
IC = 100 mA
1000
V
VCE(sat)
∗ Collector-Emitter
Saturat ion Voltage
IC =8 A
IB = 2.5 A
3.3
V
VBE(s at)
∗ Base-Emitter
Saturat ion Voltage
IC =8 A
IB = 2.5 A
2.2
V
hFE
∗
DC Current G ain
IC =2.5 A
VCE =10 V
15
fT
Transit ion F requency
IC =0. 5 A
VCE =10 V
10
MHz
Is/b**
Second Breakdown
Collect or Current
VCE =25 V
4
A
ton
Turn on Time
IC = 5 A
VCE =250 V
IB1 =1 A
0.2
µs
ts
ts
St orage Time
Fall T ime
IC =5 A
VCE = 250 V
IB1 =- IB2 =1 A
1.7
0.3
µs
µs
tf
Fall T ime
IC =8 A
VCE =40 V
IB1 =- IB2 =2.5 A
1
µs
∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
∗∗ Pulsed: 1s, non repetitive pulse.
For characteristics curves see the BUW34/5/6 series.
BUY69A
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com