Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WR06W4R7JQL Datasheet(PDF) 2 Page - Multicomp Pro

Part # WR06W4R7JQL
Description  Thick Film General Purpose Chip Resistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

WR06W4R7JQL Datasheet(HTML) 2 Page - Multicomp Pro

  WR06W4R7JQL Datasheet HTML 1Page - Multicomp Pro WR06W4R7JQL Datasheet HTML 2Page - Multicomp Pro WR06W4R7JQL Datasheet HTML 3Page - Multicomp Pro WR06W4R7JQL Datasheet HTML 4Page - Multicomp Pro WR06W4R7JQL Datasheet HTML 5Page - Multicomp Pro WR06W4R7JQL Datasheet HTML 6Page - Multicomp Pro WR06W4R7JQL Datasheet HTML 7Page - Multicomp Pro WR06W4R7JQL Datasheet HTML 8Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Page <2>
V1.0
07/05/25
Thick Film General Purpose Chip Resistors
WR12, WR08, WR06, WR04
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Note:
1. This is the maximum voltage that may be continuously supplied to the resistor element, see “IEC publication 60115-8”
2. Max. Operation Voltage: So called RCWV (Rated Continuous Working Voltage) is determined by
RCWV = √ Rated Power × Resistance Value or Max. RCWV listed above, whichever is lower.
3. The resistance of Jumper is defined <0.05Ω
Diagram
Marking
3-digits marking (±1%: 0603)
WR12
WR08
WR06
WR04
L
3.1 ± 0.1
2 ± 0.1
1.6 ± 0.1
1 ± 0.05
W
1.6 ± 0.1
1.25 ± 0.1
0.8 ± 0.1
0.50 ± 0.05
T
0.6 ± 0.15
0.5 ± 0.15
0.45 ± 0.15
0.35 ± 0.05
Tb
0.45 ± 0.2
0.4 ± 0.2
0.3 ± 0.15
0.25 ± 0.1
Tt
0.5 ± 0.2
0.4 ± 0.2
0.3 ± 0.1
0.2 ± 0.1
Dimensions : Millimetres
Size \ Nr. of digit of code\tolerance
±5%
±1%
1206 (3216)
3-digits marking
4-digits marking
0805 (2012)
3-digits marking
4-digits marking
0603 (1608)
3-digits marking
3-digits marking
0402(1005)
NO MARKING
3-digits marking (±5% : 1206 & 0805 & 0603)
Each resistor is marked with a three digits code on the protective coating to designate the nominal resistance value.
Nominal resistance
Description
1. E-24 series
As 0603 WR06X ±5%.
2. E-96 series
The 1st two digit codes are referring to the CODE on the table, the 3rd code is the index of
resistance value :
Y=10-2, X=10-1, A=10⁰, B=101,C=10², D=10³, E=10⁴, F=10⁵
EX : 17.8Ω=25X, 178Ω=25A, 1K78 =25B
17K8=25C, 178K=25D, 1M78=25E
3. Remark
There is no marking for the items are not under E-24 and E-96 series
CODE R_value CODE R_value CODE R_Value CODE
R_val-
ue
CODE
R_val-
ue
CODE
R_val-
ue
CODE
R_val-
ue
CODE
R_val-
ue
01
100
13
133
25
178
37
237
49
316
61
422
73
562
85
750
02
102
14
137
26
182
38
243
50
324
62
432
74
576
86
768
03
105
15
140
27
187
39
249
51
332
63
442
75
590
87
787



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com