Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPFC75-110C Datasheet(PDF) 1 Page - Sumida Corporation

Part # CPFC75-110C
Description  DC COMMON MODE CHOKE COIL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CPFC75-110C Datasheet(HTML) 1 Page - Sumida Corporation

  CPFC75-110C Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DC COMMON MODE CHOKE COIL <SMD Type:CPFC Series>
Type: CPFC75
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
◆
Product Description
・
7.1×6.0mm Max.(L×W), 5.2mm Max. Height .
・
In addition to the typical versions of parameters shown here,
custom parameters are available to meet your exact requirements
◆
Feature
・
Ideally used in AV, consumer equipment.
・
Suppression of asymmetrical and symmetrical interference coupled in on lines.
・
RoHS Compliance
◆
Dimensions (mm)
◆
Land Pattern(mm)
◆
Schematics (Bottom)
◆
Specification
Remark: Inductance tolerance: ≤470uH ± 30% , >470uH
Part No.
Inductance (uH)
Ls (nH)
IR (mA)
D.C.R (mΩ) Hipot DC 2s
CPFC75-050C
5
50
1000
100
250
CPFC75-110C
11
50
500
120
250
CPFC75-250C
25
150
500
130
250
CPFC75-250S
25
1500
500
130
250
CPFC75-510C
51
200
500
160
250
CPFC75-510S
51
2000
500
160
250
CPFC75-471C
470
200
500
200
750
CPFC75-102C
1000
250
500
200
750
CPFC75-222C
2200
250
400
400
750
CPFC75-472C
4700
300
200
550
750
②③
①④
S
S
“S” IS WINDING START
6.0 MAX.
9 +0.4
-0.2
7.1 MAX.
1.9±0.2
0.1 A
A
10.2
2.85
(4.5)
+50%
-30%


Similar Part No. - CPFC75-110C

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CPFC74 SUMIDA-CPFC74 Datasheet
135Kb / 2P
DC COMMON MODE CHOKE COIL
CPFC74B SUMIDA-CPFC74B Datasheet
234Kb / 1P
Common mode choke coil for automobile.
CPFC74BNP-102 SUMIDA-CPFC74BNP-102 Datasheet
234Kb / 1P
Common mode choke coil for automobile.
CPFC74BNP-851 SUMIDA-CPFC74BNP-851 Datasheet
234Kb / 1P
Common mode choke coil for automobile.
CPFC74NP-CB08M6 SUMIDA-CPFC74NP-CB08M6 Datasheet
135Kb / 2P
DC COMMON MODE CHOKE COIL
More results

Similar Description - CPFC75-110C

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
BM1012LF SUMIDA-BM1012LF_06 Datasheet
143Kb / 1P
DC COMMON MODE CHOKE COIL
CLP82 SUMIDA-CLP82_06 Datasheet
155Kb / 2P
DC COMMON MODE CHOKE COIL
CPFC54 SUMIDA-CPFC54 Datasheet
187Kb / 2P
DC Common Mode Choke Coil
CPFC74 SUMIDA-CPFC74 Datasheet
135Kb / 2P
DC COMMON MODE CHOKE COIL
logo
KOA Speer Electronics, ...
SLF0905TTEB102Y KOA-SLF0905TTEB102Y Datasheet
334Kb / 1P
common mode choke coil
logo
Sumida Corporation
CPFC43 SUMIDA-CPFC43 Datasheet
50Kb / 1P
Common Mode Choke Coil
CPFC0535B SUMIDA-CPFC0535B Datasheet
151Kb / 3P
Common mode choke coil for DC lines
logo
DONG IL TECHNOLOGY LTD.
LC4 DIT-LC4 Datasheet
1Mb / 2P
COMMON MODE CHOKE COIL
LS3 DIT-LS3 Datasheet
1Mb / 2P
COMMON MODE CHOKE COIL
LS6 DIT-LS6 Datasheet
1Mb / 2P
COMMON MODE CHOKE COIL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com