Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM330023 Datasheet(PDF) 9 Page - Microchip Technology

Part # DM330023
Description  dsPIC33CK256MP508 Motor Control Plug-In Module (PIM) Information Sheet for Internal Op Amp Configuration
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM330023 Datasheet(HTML) 9 Page - Microchip Technology

Back Button DM330023 Datasheet HTML 4Page - Microchip Technology DM330023 Datasheet HTML 5Page - Microchip Technology DM330023 Datasheet HTML 6Page - Microchip Technology DM330023 Datasheet HTML 7Page - Microchip Technology DM330023 Datasheet HTML 8Page - Microchip Technology DM330023 Datasheet HTML 9Page - Microchip Technology DM330023 Datasheet HTML 10Page - Microchip Technology DM330023 Datasheet HTML 11Page - Microchip Technology DM330023 Datasheet HTML 12Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
 2018 Microchip Technology Inc.
DS50002756A-page 9
dsPIC33CK256MP508
FIGURE 3:
INTERNAL OP AMP CONFIGURATION
VREF
IBUS+
Filter,
Feedback
and Bias
Circuit
45
43
Op Amp 2
PIM22 if Enabled by R7
From Shunt
Resistor (IA)
+
–
VREF
IBUS-
OA1
Bypass
Circuit
20
18
Op Amp 1
PIM25 if Enabled by R25
From Shunt
Resistor (IBUS)
+
–
VREF
Filter,
Feedback
and Bias
Circuit
29
28
Op Amp 3
PIM21 if Enabled by R14
From Shunt
Resistor (IB)
+
–
IBUS+
Voltage
Divider
1k
1k
470 pF
1k
1k
1000 pF
470 pF
Filter, Feedback and Bias Circuit for Op Amp 2 and 3
D
C
30k
30k
E
F
B
A
Differential Amplifier Gain
30k
21k
--------------------15
==
Differential-mode f
3dB
–
1
2
 21k
 470pF
2
----------------1000pF
+


--------------------------------------------------------------------------------65kHz

Common-mode f
3dB
–
1
2
 1k
 470pF

--------------------------------------------340kHz

41
16
23
dsPIC33CK256MP508
D
C
D
C
D
C
B
A
B
A
B
A
E
F
E
F
E
F
PIM57 if Enabled by R26
IA+
IB+
IBUS+
DNP
DNP
DNP
DNP
DNP
DNP
DNP
Op Amp 1 Bypass Circuit
D
C
DNP
DNP
E
F
B
A
DNP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com