Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM330022 Datasheet(PDF) 3 Page - Microchip Technology

Part # DM330022
Description  dsPIC33EP256MC506 Plug-In Module (PIM) Information Sheet for External Op Amp Configuration
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM330022 Datasheet(HTML) 3 Page - Microchip Technology

  DM330022 Datasheet HTML 1Page - Microchip Technology DM330022 Datasheet HTML 2Page - Microchip Technology DM330022 Datasheet HTML 3Page - Microchip Technology DM330022 Datasheet HTML 4Page - Microchip Technology DM330022 Datasheet HTML 5Page - Microchip Technology DM330022 Datasheet HTML 6Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
FIGURE 2:
PIM SCHEMATIC
W23
23
W20
20
W17
17
W14
14
W11
11
W8
8
W5
5
W2
2
Y3
53
Y6
56
Y9
59
Y12
62
Y15
65
Y18
68
Y21
71
Y24
74
W24
24
W25
25
W21
21
W18
18
W22
22
W19
19
W15
15
W12
12
W16
16
W13
13
W9
9
W6
6
W10
10
W7
7
W3
3
W4
4
W1
1
Y2
52
Y1
51
Y5
55
Y8
58
Y4
54
Y7
57
Y11
61
Y14
64
Y10
60
Y13
63
Y17
67
Y20
70
Y16
66
Y19
69
Y23
73
Y22
72
Y25
75
U1A
GENERIC_PIM_100P
QEA/IA/V_M1
IA+
FLT_OUT1
QEB/IB/V_M2
IBUS-
IBUS+
IB+
INDX/POT/V_M3
IBUS/VBUS
FAULT
FLT_OUT2
IB/POT
V_M2
V_M1/POT
QEA/IA/V_M1
VREF
IA+
V_M3/IBUS
FLT_OUT1
QEB/IB/V_M2
IBUS-
IBUS+
REC_NEUTR
IB+
INDX/POT/V_M3
HALLA/QEA
IBUS/VBUS
GEN2
VREF
REC_NEUTR
IBUS+
VREF
REC_NEUTR
IBUS+
FAULT
FLT_OUT2
IB/POT
POT
VREF_EXT
CVREF20
VREF
AVDD
VDD
VDD
VDD
RD8
MCLR
HALLA/QEA/USBRX
IA/IPFC
BTN/FAULT/LINCS
FAULT_RST
HOME
OSCO
OSCI
LINFAULT
PWM1H3
DGB_LED2
BTN/RX
BTN/FAULT/LINCS
GEN1
FAULT_RST
HOME
PGEC
PGED
DBG_TP
OSCO
OSCI
RX
LINFAULT
VACZ
HALLC/INDX/STP_PWM
CVREF20
PWM1L2
PWM1H2
PWM1L3
PWM1H3
TX
HALLC/INDX
CANRX
DBG_LED1
DGB_LED2
CANTX
BTN/RX
HALLB/QEB
PFC_PWM
PWM1H1
PWM1L1
BTN/TX/USBTX
HALLA/QEA/USBRX
DC_BUS
IA/IPFC
HALLB/QEB/USBTX
BTN/USBTX
0.1 PF
C1
0.1 PF
C2
0.1 PF
C3
0.1 PF
C4
VDD
VDD
VDD
VDD
0.1 PF
C6
DBG_LED1
10 PF
C5
C7
DNP
C8
DNP
C12
DNP
C13
DNP
C9
DNP
C14
DNP
C16
DNP
C17
DNP
C19
DNP
C11
DNP
C20
DNP
C10
DNP
C18
DNP
C15
DNP
R3
DNP
R16
DNP
R17
DNP
R21
DNP
R20
DNP
R22
DNP
R23
DNP
R4
DNP
R5
DNP
R15
DNP
R6
DNP
R18
DNP
R11
DNP
R19
DNP
R25
DNP
R27
DNP
TDI/RA7
1
RPI46/PWM1H/T3CK/RB14
2
RPI47/PWM1L/T5CK/RB15
3
RP118/RG6
4
RPI119/RG7
5
RP120/RG8
6
MCLR
7
RPI121/RG9
8
VSS
9
VDD
10
AN10/RP128/RA12
11
AN9/RP127/RA11
12
AN0/OA2OUT/RA0
13
AN1/C2IN1+/RA1
14
PGED3/VREF-/AN2/C2IN1-/SS1/RP132/CTED2/RB0
15
PGEC3/VREF+/AN3/OA1OUT/RP133/CTED/RB1
16
PGEC1/AN4/C1IN1+/RP134/RB2
17
PGED1/AN5/C1IN1-/RP35/RB3
18
AVDD
19
AVSS
20
AN6/OA3OUT/C4IN1+/OCFB/RC0
21
AN7/C3IN1-/C4IN1-/RC1
22
AN8/C3IN1+/U1RTS/BCLK1/FLT3/RC2
23
AN11/C1IN2-/U1CTS/FLT4/RC11
24
VSS
25
VDD
26
AN12/C2IN2-/U2RTS/BCLK2/RE12
27
AN13/C3IN2-/U2CTS/RE13
28
AN14/RP194/RE14
29
AN15/RP195/RE15
30
SDA2/RP124/RA8
31
FLT32/SCL2/RP36/RB4
32
CVREF20/SDO1/RP20/T1CK/RA4
33
SDI1/RP125/RA9
34
SCK1/RP151/RC3
35
SDA1/RP152/RC4
36
SCL1/RP153/RC5
37
VDD
38
OSC1/CLK1/RC12
39
OSC2/CLKO/RC15
40
VSS
41
RD8
42
PGED2/ASDA2/RP37/RB5
43
PGEC2/ASCL2/RP38/RB6
44
RP158/RC10
45
RP39/INT0/RB7
46
RC13
47
TCK/CVREF10/ASCL1/RP40/T4CK/RB8
48
TMS/ASDA1/RP41/RB9
49
RP54/RC6
50
RP55/RC7
51
RP56/RC8
52
RD5
53
RD6
54
RP57/RC9
55
VCAP
56
VDD
57
RP196/RF0
58
RP97/RF1
59
RP42/PWM3H/RB10
60
RP43/PWM3L/RB11
61
RPI44/PWM2H/RB12
62
RP145/PWM2L/CTPLS/RB13
63
TDO/RA10
64
U1
R24
DNP
R1
DNP
R7
DNP
R10
DNP
R8
DNP
R9
DNP
* All Resistors are 1%
A_GND
DNP
R26
DNP
R28
DNP
R29
DNP
R13
DNP
R14
DNP
R12
DNP
R2
DNP
R32
0R
R31
0R
R30
0R
MCLR



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com