Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM330023-3 Datasheet(PDF) 2 Page - Microchip Technology

Part # DM330023-3
Description  dsPIC33CK256MP508 Motor Control Plug-In Module (PIM) Information Sheet for Internal Op Amp Configuration
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM330023-3 Datasheet(HTML) 2 Page - Microchip Technology

  DM330023-3 Datasheet HTML 1Page - Microchip Technology DM330023-3 Datasheet HTML 2Page - Microchip Technology DM330023-3 Datasheet HTML 3Page - Microchip Technology DM330023-3 Datasheet HTML 4Page - Microchip Technology DM330023-3 Datasheet HTML 5Page - Microchip Technology DM330023-3 Datasheet HTML 6Page - Microchip Technology DM330023-3 Datasheet HTML 7Page - Microchip Technology DM330023-3 Datasheet HTML 8Page - Microchip Technology DM330023-3 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
dsPIC33CK256MP508
DS50002756A-page 2
 2018 Microchip Technology Inc.
Table 2 provides the mapping between the 80-pin device pinout and the 100-pin PIM.
TABLE 2:
DEVICE TO PIM MAPPING (SORTED BY DEVICE PIN NUMBER)
Device
Pin #
dsPIC33CK256MP508 Device
Functional Description
PIM Pin #
Remarks
1
RP46/PWM1H/RB14
PIM:94
Direct Connection
2
AN20/RE0
PIM:22
Direct Connection
3
RP47/PWM1L/PMD6/RB15
PIM:93
Direct Connection
4
AN21/RE1
PIM:21
Direct Connection
5
RP60/PWM8H/PMD7/RC12
PIM:09
Direct Connection
6
RP61/PWM8L/PMA5/RC13
PIM:08
Direct Connection
7
RP62/PWM6H/PMA4/RC14
PIM:04
Direct Connection
8
RP63/PWM6L/PMA3/RC15
PIM:05
Direct Connection
9MCLR
PIM:13
MCLR
10
RP79/PCI22/PMA2/RD15
PIM:19
Direct Connection
11
VSS
PIM:15, 36, 65, 75(4)
Digital Ground (DGND)
12
VDD
PIM:02, 16, 37, 62, 86(3) Digital Power (DVDD)
13
RP78/PCI21/RD14
PIM:92
Direct Connection
14
ANN2/RP77/RD13
PIM:89
Direct Connection
15
AN12/ANN0/RP48/RC0
PIM:55
Direct Connection
16
OA1OUT/AN0/CMP1A/IBIAS0/RA0
PIM:25(1)
Connected via 0 Ohm Resistor
16
OA1OUT/AN0/CMP1A/IBIAS0/RA0
PIM:57(2)
Can be Connected via 0 Ohm Resistor
17
AN22/RE2
PIM:20
Direct Connection
18
OA1IN-/ANA1/RA1
PIM:24(1)
Connected via 0 Ohm Resistor
18
OA1IN-/ANA1/RA1
PIM:56(2)
Can be Connected via 0 Ohm Resistor
18
OA1IN-/ANA1/RA1
PIM:67
Optional Internal Op Amp Connection
can be Connected to Op Amp 1 Input
19
AN23/RE3
PIM:33
Direct Connection
20
OA1IN+/AN9/PMA6/RA2
PIM:66
Optional Internal Op Amp Connection
21
DACOUT1/AN3/CMP1C/RA3
PIM:12
Direct Connection
22
RE4
PIM:69
Direct Connection
23
OA3OUT/AN4/CMP3B/IBIAS3/RA4
PIM:21(2)
Can be Connected via 0 Ohm Resistor
24
RE5
PIM:68
Direct Connection
25
AVDD
PIM:30
Analog Power (AVDD)
26
AVss
PIM:31(5)
Analog Ground (AGND)
27
RP76/RD12
PIM:85
Direct Connection
28
OA3IN-/AN13/CMP1B/ISRC0/RP49/PMA7/RC1
PIM:66
Internal Op Amp Connection
29
OA3IN+/AN14/CMP2B/ISRC1/RP50/PMD13/PMA13/RC2
PIM:73
Internal Op Amp Connection
30
AN17/ANN1/IBIAS1/RP54/PMD12/PMA12/RC6
PIM:43
Direct Connection
31
VDD
PIM:02, 16, 37, 62, 86(3) Digital Power (DVDD)
32
VSS
PIM:15, 36, 65, 75(4)
Digital Ground (DGND)
33
AN15/CMP2A/IBIAS2/RP51/PMD11/PMA11/RC3
PIM:23
Direct Connection
34
OSCI/CLKI/AN5/RP32/PMD10/PMA10/RB0
PIM:63
Direct Connection
35
OSCO/CLKO/AN6/RP33/PMA1/PMALH/PSA1/RB1
PIM:64
Direct Connection
36
AN19/CMP2C/RP75/PMA0/PMALL/PSA0/RD11
PIM:32
Direct Connection
Note 1: The PIM pin is directly connected to the device pin through a 0 Ohm resistor (default), which can be removed if desired.
2: The PIM pin can be connected to a device pin through a 0 Ohm resistor, if desired. For proper operation, ensure that other
0 Ohm resistors connecting to the same device pin are removed.
3: Digital Power (DVDD) pins are shorted together on the PIM.
4: Digital Ground (DGND) pins are shorted together on the PIM.
5: Analog Ground (AGND) connection via PIM:31 is shorted with Digital Ground (DGND) through 0 Ohm resistor, R27, on the PIM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com