Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUZ11 Datasheet(PDF) 3 Page - STMicroelectronics

Part # BUZ11
Description  N - CHANNEL 50V - 0.03W - 33A TO-220 STripFET] MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUZ11 Datasheet(HTML) 3 Page - STMicroelectronics

  BUZ11 Datasheet HTML 1Page - STMicroelectronics BUZ11 Datasheet HTML 2Page - STMicroelectronics BUZ11 Datasheet HTML 3Page - STMicroelectronics BUZ11 Datasheet HTML 4Page - STMicroelectronics BUZ11 Datasheet HTML 5Page - STMicroelectronics BUZ11 Datasheet HTML 6Page - STMicroelectronics BUZ11 Datasheet HTML 7Page - STMicroelectronics BUZ11 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ELECTRICAL CHARACTERISTICS (continued)
SOURCE DRAIN DIODE
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
ISD
ISDM
Source-drain Current
Source-drain Current
(pulsed)
33
134
A
A
VSD (
∗)Forward On Voltage
ISD =60 A
VGS =0
1. 8
V
trr
Qrr
Reverse Recovery
Time
Reverse Recovery
Charge
ISD = 36 A
di/dt = 100 A/
µs
VDD =30 V
Tj = 150
oC
75
0.24
ns
µC
(
∗) Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
Safe Operating Area
Thermal Impedance
BUZ11
3/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com