Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2015 Datasheet(PDF) 2 Page - Pentair Equipment Protection - Hoffman

Part # LP2015
Description  INLINE™ Accessories
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOFFMANPRODUCTS [Pentair Equipment Protection - Hoffman]
Direct Link  
Logo HOFFMANPRODUCTS - Pentair Equipment Protection - Hoffman

LP2015 Datasheet(HTML) 2 Page - Pentair Equipment Protection - Hoffman

  LP2015 Datasheet HTML 1Page - Pentair Equipment Protection - Hoffman LP2015 Datasheet HTML 2Page - Pentair Equipment Protection - Hoffman  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Spec-00360 E
INLINE™ AccEssorIEs INLINE™ AccEssorIEs
PH 763.422.2211 • FAX 763.422.2600 • HOFFMANONLINE.COM
EQUIPMENT PROTECTION SOLUTIONS
AccEssorIEs
2
WINg kNoB LAtch
Wing Knob Latch can replace the
standard slotted, quarter-turn latch
on all hinged-cover and window-
cover enclosures. Latch is black
die-cast zinc. Includes two keys and
installation instructions.
Bulletin: A54Y
Catalog Number
Product Weight
LLKWK
0.2 lb.
Reduces UL Type rating from 4 or 4X to 12.
grouNdINg kIt
Grounding Kit provides means to attach a grounding conductor to
the enclosure. Kit includes two insulated copper wires with a ring
terminal at each end, all installation hardware and instructions.
Bulletin: A54Y
Catalog Number
Product Weight
LLGK
0.2 lb.
dIN3 tyPE rAILs
Rails furnish mounting surfaces for
DIN3 mount snap-on devices. Rails
attach vertically or horizontally to
mounting brackets. Kit includes 4
rails and installation instructions.
DIN3 Rail Mounting Brackets are
required in order to mount rails.
Bulletin: A54Y
Catalog Number
Fits INLINE Enclosure
L (mm)
L (in.)
Pkg. Qty.
LDR3P15
when A or B = 150 mm
125
4.92
4
LDR3P20
when A or B = 200 mm
175
6.89
4
LDR3P25
when A or B = 250 mm
225
8.86
4
LDR3P30
when A or B = 300 mm
275
10.83
4
LDR3P31
when A or B = 310 mm
285
11.22
4
LDR3P35
when A or B = 350 mm
325
12.80
4
LDR3P40
when A or B = 400 mm
375
14.76
4
LDR3P46
when A or B = 460 mm
435
17.13
4
LDR3P60
when A or B = 600 mm
575
22.64
4
LDR3P77
when A or B = 770 mm
745
29.33
4
LDR3P93
when A or B = 925 mm
900
36.43
4
dIN rAIL or PANEL-MouNtINg BrAckEts
Use as a mounting framework to install DIN rails or a panel.
Bracket is offset for additional space in front of or behind mounted
equipment. Plated 12 gauge steel. Mounting hardware included.
Brackets are required for DIN3 type rails.
Bulletin: A54Y
Catalog Number
Fits INLINE Enclosure
LMK15
when A or B = 150 mm
LMK20
when A or B = 200 mm
LMK23
when A or B = 230 mm
LMK25
when A or B = 250 mm
LMK30
when A or B = 300 mm
LMK35
when A or B = 350 mm
600-mm and longer enclosures require two sets of brackets for mounting panels.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com