Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP109ME Datasheet(PDF) 1 Page - Sumida Corporation

Part # EP109ME
Description  Power Inductor< Pin Type: EP***ME Series>
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

EP109ME Datasheet(HTML) 1 Page - Sumida Corporation

  EP109ME Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Inductor< Pin Type: EP***ME Series>
Type: EP109ME
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
◆
Product Description
・
11.2×10.8mm Max.(L×W),9.6mm Max. Height.
・
Inductance Range: 0.60~1.0μH.
・
Rated current range:18.2~22.4A.
・
Custom design is available.
◆
Feature
・
Magnetically shielded construction.
・
Iron power core used. super high DC saturation current inductors.
・
Ideally used in Desktop/Server CPU power supply.
・
RoHS Compliance.
◆
Dimensions (mm)
◆ Specification
Part Name
Stamp
Inductance
[Within]
(µH)
100kHz
D.C.R.
[Max.]
(at 20℃)
(mΩ) (Typ.)
Saturation
Current
(A) ※1
Temperature rise
current (A) ※2
EP109MENP-0R6MC
0R6
0.6uH±20%
1.6
37.2
22.4
EP109MENP-1R0MC
1R0
1.0uH±20%
2.0
30.0
18.2
※
1. Superposition current: the D.C. current at which the inductance decreases to 80% of the initial
value.
※
2. Temperature rise current: the D.C. current at which temperature rise isΔT=40℃(Ta=20℃).
※ THIS SPEC IS NOT THE FINAL REVISION, AND SOME PARTS MAY BE CHANGED BEFORE PRODUCTION.
9.6 Max.
8.0
3.5
Part No.Dimension H
R60
1R0
1.3
1.2
11.2 Max.


Similar Part No. - EP109ME

ManufacturerPart #DatasheetDescription
logo
YUXIANG Magnetc materia...
EP10 YUXIANG-EP10 Datasheet
105Kb / 2P
EP Core
logo
Ferroxcube Internationa...
EP10 FERROXCUBE-EP10 Datasheet
92Kb / 9P
EP cores and accessories
logo
Pulse A Technitrol Comp...
EP10 PULSE-EP10 Datasheet
1Mb / 3P
POWER MAGNETICS
logo
Ferroxcube Internationa...
EP10-3C81 FERROXCUBE-EP10-3C81 Datasheet
92Kb / 9P
EP cores and accessories
EP10-3C81-A100 FERROXCUBE-EP10-3C81-A100 Datasheet
92Kb / 9P
EP cores and accessories
More results

Similar Description - EP109ME

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
DEPI1615 SUMIDA-DEPI1615 Datasheet
97Kb / 2P
Power Inductor< Pin Type: DEPI Series>
RC-865 SUMIDA-RC-865 Datasheet
63Kb / 2P
Power Inductor< Pin Type: RC Series>
RCH109 SUMIDA-RCH109 Datasheet
70Kb / 2P
Power Inductor< Pin Type : RCH Series>
RCH8011B SUMIDA-RCH8011B Datasheet
190Kb / 3P
Power Inductor< PIN Type : RCH Series>
RCH-108 SUMIDA-RCH-108 Datasheet
181Kb / 2P
Power Inductor< Pin Type : RCH Series>
RCH-114 SUMIDA-RCH-114 Datasheet
177Kb / 2P
Power Inductor< Pin Type: RCH Series>
EP169 SUMIDA-EP169_06 Datasheet
148Kb / 2P
POWER INDUCTORS < Pin Type: EP Series >
EP1311 SUMIDA-EP1311 Datasheet
139Kb / 2P
ADSL Transformer < Pin Type: EP Series>
EP1311C SUMIDA-EP1311C Datasheet
141Kb / 1P
ADSL Transformer< Pin Type: EP Series>
EP1311D SUMIDA-EP1311D Datasheet
135Kb / 1P
ADSL Transformer< Pin Type: EP Series>
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com