Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS30BK Datasheet(PDF) 1 Page - HellermannTyton.

Part # CS30BK
Description  PE Terminal Strip Connectors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.

CS30BK Datasheet(HTML) 1 Page - HellermannTyton.

  CS30BK Datasheet HTML 1Page - HellermannTyton.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.21
64
www.hellermanntyton.co.uk
Installer &
Connection Solutions
Terminal Strips
PE Terminal Strip Connectors
Material
Type
Specification
PE
CS3NT
3A-4mm
PE
CS5NT
5A-6mm
PE
CS15NT
15A-12mm
PE
CS30NT
30A-16mm
PE
CS60NT
60A-25mm
Material
Type
Specification
PE
CS3BK
3A-4mm
PE
CS5BK
5A-6mm
PE
CS15BK
15A-12mm
PE
CS30BK
30A-16mm
PE
CS60BK
60A-25mm
New range of terminal strips:
• 3, 5, 15, 30 & 60 amp
• Polyethylene (80oC)
• Packed 10 strips of 12 poles
• colours natural (NT) or black (BK)
Material
Type
Specification
PP
CS3WT-PP
3A-4mm
PP
CS5WT-PP
5A-6mm
PP
CS15WT-PP
15A-12mm
PP
CS30WT-PP
30A-16mm
PP
CS60WT-PP
60A-25mm
3, 5,15, 30 & 60 Amp
Polypropylene (-20oC +90oC)
Colour : White
Packed 10 strips of 12 poles
PP Terminal Strip Connectors
Sigma terminals
Terminals made of self-extinguishing Polyamide-6. Black base,
terminal made of MS-58 brass (DIN-17660), ring made of
tempered, galvanised and bichromated steel and cap made of
self-extinguishing orange polypropylene.
• Clipping proof. The connection is done through a tightening
device that presses evenly all of the contact surface, avoiding
frictions and strains that could damage the conductors.
• Loosening proof. The ring that surrounds the brass body
guarantees that the pressure exerted by the conductors will
not open the terminal and loosen the connection.
• Total insulation. All SIGMA "S" terminals are supplied with a cap,
which avoids any accidental contacts with live parts.
All sizes can be joined together. Nominal current: 500 V.
Sigma Modular Line Taps
Reference
Cross Section & Ampage Amps
Pack Qty
NSYS04
4mm2 Cable
25A
20
NSYS06
6mm2 Cable
32A
20
NSYS10
10mm2 Cable
50A
20
NSYS16
16mm2 Cable
63A
20
NSYS25/35
25-35mm2 Cable
100A
20
NSYS50
50mm2 Cable
125A
20
NSYS70
70mm2 Cable
160A
20
NSYS95/100
95-100mm2 Cable
200A
20


Similar Part No. - CS30BK

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CS30BL STMICROELECTRONICS-CS30BL Datasheet
689Kb / 18P
High side current sense high voltage op amp
06-Mar-2014
More results

Similar Description - CS30BK

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
TS-102-G-A SAMTEC-TS-102-G-A Datasheet
110Kb / 1P
TERMINAL STRIP ASSEMBLY
logo
Molex Electronics Ltd.
0690370274 MOLEX11-0690370274 Datasheet
35Kb / 1P
Terminal Strip Locating Pin
0690370320 MOLEX11-0690370320 Datasheet
45Kb / 1P
Terminal Strip Locating Pin
logo
PHOENIX CONTACT
2703172 PHOENIX-2703172 Datasheet
85Kb / 3P
Terminal strip
0707785 PHOENIX-0707785 Datasheet
79Kb / 4P
PE feed-through terminal block - HDFK 25-PE
0708315 PHOENIX-0708315 Datasheet
77Kb / 5P
PE feed-through terminal block - DFK 4-PE
logo
Weidmuller
1041620000 WEIDMULLER-1041620000 Datasheet
502Kb / 8P
PE terminal, Double-tier terminal, Screw connection
October 4, 2021
1041920000 WEIDMULLER-1041920000 Datasheet
509Kb / 8P
PE terminal, Double-tier terminal, Screw connection
October 4, 2021
7906110000 WEIDMULLER-7906110000 Datasheet
239Kb / 5P
Multipin terminal strip, Single- and multi-pole terminal strip
October 18, 2021
logo
Keystone Electronics Co...
819 KEYSTONE-819 Datasheet
181Kb / 1P
TERMINAL STRIP
7.18.07
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com