Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-RHT750 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # MF-RHT750
Description  PTC Resettable Fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-RHT750 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  MF-RHT750 Datasheet HTML 1Page - Bourns Electronic Solutions MF-RHT750 Datasheet HTML 2Page - Bourns Electronic Solutions MF-RHT750 Datasheet HTML 3Page - Bourns Electronic Solutions MF-RHT750 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Devices taped using EIA468–B/IEC60286-2 standards. See table below and Figures 1 and 2 for details.
IEC
EIA
Dimensions
Dimension Description
Mark
Mark
Dimensions
Tolerance
Carrier tape width
WW
Hold down tape width:
W0
W4
min.
Hold down tape
No protrusion
Top distance between tape edges
W2
W6
max.
Sprocket hole position
W1
W5
Sprocket hole diameter
D0
D0
Abscissa to plane (straight lead)
HH
Abscissa to plane (kinked lead)
H0
H0
Abscissa to top: MF-RHT070 ~ MF-RHT450
H1
H1
max.
Abscissa to top: MF-RHT650 ~ MF-RHT1300
H1
H1
max.
Overall width w/lead protrusion: MF-RHT070 ~ MF-RHT450
C1
max.
Overall width w/lead protrusion: MF-RHT650 ~ MF-RHT1300
C1
max.
Overall width w/o lead protrusion: MF-RHT070 ~ MF-RHT450
C2
max.
Overall width w/o lead protrusion: MF-RHT650 ~ MF-RHT1300
C2
max.
Lead protrusion
I1
L1
max.
Protrusion of cutout
LL
max.
Protrusion beyond hold tape
I2
I2
Not specified
Sprocket hole pitch
P0
P0
Pitch tolerance
20 consecutive
±1
Device pitch: MF-RHT070 ~ MF-RHT450
Device pitch: MF-RHT650 ~ MF-RHT1300
Tape thickness
tt
max.
Tape thickness with splice: MF-RHT070
t1
max.
Tape thickness with splice: MF-RHT450 ~ MF-RHT1300
t1
max.
Splice sprocket hole alignment
Body lateral deviation
∆h
∆h
0
Body tape plane deviation
∆p
∆p
0
Ordinate to adjacent component lead
P1
P1
Lead spacing: MF-RHT070 ~ MF-RHT750
FF
Lead spacing: MF-RHT1300
FF
Reel width: MF-RHT070 ~ MF-RHT450
wW2
max.
Reel width: MF-RHT650 ~ MF-RHT1300
wW2
max.
MF-RHT Series Tape and Reel Specifications
18
(.709)
-0.5/+1.0
(-0.02/+.039)
9
(.354)
-0.5/+0.75
(-0.02/+0.03)
4
(.157)
±0.2
(±.0078)
18.5
(.728)
±3.0
(±.118)
16
(.63)
45.0
(1.837)
32.2
(1.268)
55.0
(2.165)
42.5
(1.673)
54.0
(2.126)
42.5
(1.673)
1.0
(.039)
11
(.433)
±0.5
(±.02)
12.7
(0.5)
12.7
(0.5)
25.4
(1.0)
0.9
(.035)
1.5
(.059)
2.3
(.091)
5.08
(0.2)
56
(2.20)
63.5
(2.50)
±0.3
(±.012)
±0.3
(±.012)
±0.6
(±.024)
±1.0
(±.039)
±0.3
(±.012)
-0.2/+0.8
(-.006/+.031)
10.2
(0.402)
-0.2/+0.8
(-.006/+.031)
11
(.433)
3
(.118)
DIMENSIONS =
MM
(INCHES)
4.0
(0.157)
±0.2
(±.008)
3.81
(0.15)
±0.07
(±.028)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com