Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-RHT1300 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # MF-RHT1300
Description  PTC Resettable Fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-RHT1300 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  MF-RHT1300 Datasheet HTML 1Page - Bourns Electronic Solutions MF-RHT1300 Datasheet HTML 2Page - Bourns Electronic Solutions MF-RHT1300 Datasheet HTML 3Page - Bourns Electronic Solutions MF-RHT1300 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Typical Time to Trip at 23 °C
MF-RHT SERIES, REV. C, 11/05
Product Dimensions
E
B
D
A
CF
Style 1
MM
(INCHES)
MF-RHT Series - PTC Resettable Fuses
Packaging:
BULK:
500 pcs. per bag
TAPE & REEL: MF-RHT070 ~ MF-RHT200 = 3000 pcs. per reel; MF-RHT450 ~ MF-RHT650 = 1500 pcs. per reel; MF-RHT750 ~ MF-RHT1300 = 1000 pcs. per reel
AMMO-PACK: MF-RHT070 ~ MF-RHT200 = 2000 pcs. per pack; MF-RHT450 ~ MF-RHT750 = 1000 pcs. per pack; MF-RHT1300 = 500 pcs. per pack
UNITS =
Typical Part Marking
Represents total content. Layout may vary.
RH750
4180S
MANUFACTURER'S
TRADEMARK
PART
IDENTIFICATION
COUNTRY OF
MANUFACTURE
(S = CHINA)
DATE CODE
(FIRST DIGIT =
LAST DIGIT OF YEAR;
NEXT THREE DIGITS =
DAY OF YEAR)
EXAMPLE: 4180 = 2004 DAY 180
How to Order
MF - RHT 750 - __
Multifuse® Product
Designator
Series
RHT = High Temperature
Radial Leaded Component
Hold Current, Ihold
070 - 1300 (0.70 - 13.00 Amps)
Packaging Options
-
= Bulk Packaging
- 2 = Tape and Reel*
- AP = Ammo-Pak*
*Packaged per EIA 486-B
The Time to Trip curves
represent typical perfor-
mance of a device in a
simulated application
environment. Actual
performance in specific
customer applications
may differ from these
values due to the influence
of other variables.
A
B
C
D
E
F
Physical Characteristics
Model
Max.
Max.
Nom.
Tol. ±
Min.
Max.
Nom.
Style
Material
MF-RHT070
6.86
10.8
5.1
0.7
7.6
3.0
0.51
1
Sn/CuFe
(0.27)
(0.425)
(0.201)
(0.028)
(0.30)
(0.12)
(0.020)
MF-RHT200
9.4
14.0
5.1
0.7
7.6
3.0
0.51
1
Sn/Cu
(0.37)
(0.55)
(0.201)
(0.028)
(0.30)
(0.12)
(0.020)
MF-RHT450
10.4
15.6
5.1
0.7
7.6
3.0
0.81
2
Sn/Cu
(0.41)
(0.61)
(0.201)
(0.028)
(0.30)
(0.12)
(0.032)
MF-RHT650
12.7
22.2
5.1
0.7
7.6
3.0
0.81
2
Sn/Cu
(0.50)
(0.88)
(0.201)
(0.028)
(0.30)
(0.12)
(0.032)
MF-RHT750
14.0
23.5
5.1
0.7
7.6
3.0
0.81
2
Sn/Cu
(0.55)
(0.93)
(0.201)
(0.028)
(0.30)
(0.12)
(0.032)
MF-RHT1300
23.5
28.7
10.2
0.7
7.6
3.6
1.0
2
Sn/Cu
(0.925)
(1.17)
(0.402)
(0.028)
(0.30)
(0.14)
(0.040)
0.01
0.1
1
10
100
1
10
100
Fault Cu rrent (Amps)
MF-RHT070
MF-RHT200
MF-RHT450
MF-RHT1300
MF-RHT650
MF-RHT750
0.51 (24AWG)
0.81 (20AWG)
1.0 (18AWG)
A
E
B
D
C
Style 2
F



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com