Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0210 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0210
Description  Bees Shield SKU:DFR0210
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0210 Datasheet(HTML) 2 Page - DFROBOT

  DFR0210 Datasheet HTML 1Page - DFROBOT DFR0210 Datasheet HTML 2Page - DFROBOT DFR0210 Datasheet HTML 3Page - DFROBOT DFR0210 Datasheet HTML 4Page - DFROBOT DFR0210 Datasheet HTML 5Page - DFROBOT DFR0210 Datasheet HTML 6Page - DFROBOT DFR0210 Datasheet HTML 7Page - DFROBOT DFR0210 Datasheet HTML 8Page - DFROBOT DFR0210 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Introduction
Have you ever been in a situation where you need two communication methods for your project?
How about when a serial port is occupied by another serial device, and you still need to setup
wireless communication?
The DFRobot Bees shield can solve these problems. The Bees shield is compatible with Arduino
boards such as UNO R3 and Leonardo it has a large prototyping shield giving you plenty of space to
experiment and add extra components to your project.
Thanks to its uniform interface, there are a huge number of devices compatible with the xBee
socket: xBee, WiFi xBee, Bluetooth Bee, zigBee, etc.
The Bees shield is also stackable giving you more flexibility with your projects. Although it is an old
design, it is still very practical!
Specification
Operating Voltage: 3.3V~5V
xBee slots: 2
Serial port: Hardware Serial port and Software Serial port
Arduino compatible
DIP prototyping area
Dimension: 92 mm * 56 mm/ 3.62 inches * 2.2 inches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com