Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0216 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0216
Description  DFRduino UNO R3 - Arduino Compatible
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0216 Datasheet(HTML) 2 Page - DFROBOT

  DFR0216 Datasheet HTML 1Page - DFROBOT DFR0216 Datasheet HTML 2Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
These colors match our sensor cables. This makes it really easy to figure out where to connect sensors, or to identify which side
is Analog (blue) or Digital (green).
The Arduino Uno is a microcontroller board based on the ATmega328. It has 14 digital input/output pins (of which 6 can be used
as PWM outputs), 6 analog inputs, a 16 MHz crystal oscillator, a USB connection, a power jack, an ICSP header, and a reset
button. It contains everything needed to support the microcontroller; simply connect it to a computer with a USB cable or power
it with a AC-to-DC adapter or battery to get started.
This board added SDA and SCL pins that are near to the AREF pin and two other new pins placed near to the RESET pin, the
IOREF that allow the shields to adapt to the voltage provided from the board. In future, shields will be compatible both with the
board that use the AVR, which operate with 5V and with the Arduino Due that operate with 3.3V. The second one is a not
connected pin, that is reserved for future purposes.
SPECIFICATION
Microcontroller: ATmega328 (DIP Package)
Operating Voltage: 5V
Input Voltage (recommended): 7 ~ 12V
Input Voltage (limits): 6 ~ 20V
Digital I/O Pins: 14 (of which 6 provide PWM output)
Analog Input Pins: 6
DC Current per I/O Pin: 40 mA
DC Current for 3.3V Pin: 50 mA
Flash Memory: 32 KB of which 2KB used by bootloader
SRAM: 2 KB (ATmega328)
EEPROM: 1 KB (ATmega328)
Clock Speed: 16 MHz
Size: 75 x54 x15 mm (2.95 x2.13 x0.59")
Envionment Friendly: Rohs Compliance
SHIPPING LIST
DFRduino Uno V3.0 x1
Powered By DFRobot © 2008-2017
 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com