Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0221 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0221
Description  DFRobot Leonardo with Xbee R3(SKU:DFR0221)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0221 Datasheet(HTML) 2 Page - DFROBOT

  DFR0221 Datasheet HTML 1Page - DFROBOT DFR0221 Datasheet HTML 2Page - DFROBOT DFR0221 Datasheet HTML 3Page - DFROBOT DFR0221 Datasheet HTML 4Page - DFROBOT DFR0221 Datasheet HTML 5Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Specification
Input Voltage (recommended): 7-12V
Input Voltage (limits): 6-12V
Microcontroller:ATmega32u4
Operating Voltage: 5V
Interface: Micro USB
Compatible with Arduino R3 series pin mapping
Directly support Xbee and XBee form factor wifi,bluetooth and RF modules
Extend D14~D16 digital pins with 5v power supply
Clock Speed 16 MHz
Size: 70x55x14mm
Digital I/O Pins: 20
PWM Channels: 7
Analog Input Channels: 12
DC Current per I/O Pin: 40 mA
DC Current for 3.3V Pin: 800 mA
Flash Memory 32 KB (ATmega32u4) of which 4 KB used by bootloader
SRAM: 2.5 KB (ATmega32u4)
EEPROM: 1 KB (ATmega32u4)
Leonardo Pin Out
DFRduino Leonardo Pin Out



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com