Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0236 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0236
Description  CheapDuino (SKU:DFR0236)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0236 Datasheet(HTML) 2 Page - DFROBOT

  DFR0236 Datasheet HTML 1Page - DFROBOT DFR0236 Datasheet HTML 2Page - DFROBOT DFR0236 Datasheet HTML 3Page - DFROBOT DFR0236 Datasheet HTML 4Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specification
Working voltage: 3~5 volts
Recommended power supply: 5v
Microctonroller: Atmel AVR ATmega8
bootloader(Board option in Arduino IDE): Arduino NG / w ATmega8
3 digital pins, 3 analog pins with easy-to-solder hexagonal pads
Integrate 3 pwm pins,I2C interface and UART interface
Suitable for workshop,education usage and DIY custom projects
Low cost Arduino compatible controller
Designed for the students and DIYers from second and third world countries
Dimensions: 2cm x 2cm x 0.2cm
Pinout Diagram



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com