Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0256 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0256
Description  Mega Multi‐Expansion shield SKU:DFR0256
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0256 Datasheet(HTML) 1 Page - DFROBOT

  DFR0256 Datasheet HTML 1Page - DFROBOT DFR0256 Datasheet HTML 2Page - DFROBOT DFR0256 Datasheet HTML 3Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
 
Mega Multi‐Expansion shield SKU:DFR0256
Contents
1 Introduction
2 Specification
3 Pinout
4 Application
Introduction
Bothered with the conflict of I/O pins when using shields with the Mega board during a project? Find
it hard to take good advantage of the mega I/O pins? Try the Mega I/O multi-expansion shield to
help solving the problem.
Mega I/O multi-expansion shield means that you can plug 4 different shields at same time. All I/O
pins of the Mega board are expanded so that you can plug 4 shields at most, and worry not any
more about the I/O conflict. Whatsmore, it makes your project clean & tidy with the cables be
arranged in order . Expand your project idea with Mega I/O multi-expansion shield
Specification
Compatible with Mega1280/2560/ADK
Support 4 shields
Size:14.4x13cm


Similar Part No. - DFR0256

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0250 DFROBOT-DFR0250 Datasheet
75Kb / 2P
AA Boost Module V2
DFR0251 DFROBOT-DFR0251 Datasheet
262Kb / 5P
16A Relay Module(SKU:DFR0251)
DFR0257 DFROBOT-DFR0257 Datasheet
246Kb / 4P
IO Expansion Shield for Launchpad V1 SKU:DFR0257
DFR0258 DFROBOT-DFR0258 Datasheet
157Kb / 3P
RS232 Shield For Arduino
DFR0259 DFROBOT-DFR0259 Datasheet
224Kb / 6P
Arduino RS485 Shield SKU: DFR0259
More results

Similar Description - DFR0256

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
MSR132E ALLEN-BRADLEY-MSR132E Datasheet
56Kb / 2P
Expansion Units
MSR122E ALLEN-BRADLEY-MSR122E Datasheet
93Kb / 2P
Expansion Units
MSR19E ALLEN-BRADLEY-MSR19E Datasheet
63Kb / 2P
Expansion Units
logo
Glenair, Inc.
387HS083XM09 GLENAIR-387HS083XM09 Datasheet
313Kb / 2P
Composite Multi-Shield Cone and Ring Style
logo
Richco, Inc.
EG-0-01 RICHCO-EG-0-01 Datasheet
49Kb / 1P
EXPANSION GROMMET
logo
AAEON Technology
HSB-LN2I AAEON-HSB-LN2I Datasheet
311Kb / 2P
isa expansion
logo
Harwin Plc
S1941-XXR HARWIN-S1941-XXR Datasheet
126Kb / 2P
MULTI-DIRECTIONAL SHIELD FINGER IN TAPE AND REEL
S1951-46R HARWIN-S1951-46R Datasheet
121Kb / 2P
MULTI-DIRECTIONAL SHIELD FINGER IN TAPE AND REEL
logo
Ultralife Corporation.
RMT-103 ULTRALIFE-RMT-103 Datasheet
354Kb / 2P
Expansion Shelf
14 March 2016 Rev A
logo
Advantech Co., Ltd.
EKI-2701MPI-5G ADVANTECH-EKI-2701MPI-5G Datasheet
349Kb / 2P
Hardened multi-speed Mega PoE Injector
14-May-2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com