Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0258 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0258
Description  RS232 Shield For Arduino
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0258 Datasheet(HTML) 2 Page - DFROBOT

  DFR0258 Datasheet HTML 1Page - DFROBOT DFR0258 Datasheet HTML 2Page - DFROBOT DFR0258 Datasheet HTML 3Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
 
RS232 DB9 Pinout Diagram 
 
RS-232 Maximum Cable Length
The maximum cable length for RS-232 is 50ft, but in practise depends on baud rate, cable
specific capacitance and ambient noise. The table below contains some rules-of-thumb from
experiments done by Texas Instruments years ago.
Baud rate Maximum range / cable length
19200
50ft
9600
500ft
4800
1000ft
 
 
What is RS232?  
"In telecommunications, RS‐232 is a standard for serial communication transmission of data. It formally 
defines the signals connecting between a DTE (data terminal equipment) such as a computer terminal, 



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com