Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R901 Datasheet(PDF) 2 Page - EPCOS

Part # R901
Description  Resonator 315,00 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

R901 Datasheet(HTML) 2 Page - EPCOS

  R901 Datasheet HTML 1Page - EPCOS R901 Datasheet HTML 2Page - EPCOS R901 Datasheet HTML 3Page - EPCOS R901 Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Dec 05, 2005
SAW Components
R901
315,00 MHz
Resonator
Data Sheet
12
3
4
5
6
bottom view
side view
top view
1,8
0,6
3,0
Ceramic package
Features
s
1-port resonator
s
Provides reliable, fundamental mode, quartz fre-
quency stabilization i.e. in transmitters or local
oscillators
s
Hermetically sealed ceramic package
s
Protection layer: Elpas
s
AEC-Q200 qualified components family
s
Compliant to EU RoHs Directive (2002/95/EC)
s
Lead free soldering compatible with J - STD20C
Terminals
s
Ni, gold plated
Dimensions in mm, approx. weight 0,037 g
Pin configuration
2
Input
5
Output, grounded in 1-port conf.
1,3,4,6
Ground (case)
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
R901
B39321-R 901-H110
C61157-A7-A143
F61074-V8168-Z000
Maximum ratings
Operable temperature range
TA
–40/+125
˚C
Storage temperature range
Tstg
–40/+125
˚C
DC voltage
VDC
12
V
between any terminals
Source power
Ps
0
dBm
R1
L1
C0
C1
2
5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com