Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0316 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0316
Description  MCP3424 18‐Bit ADC‐4 Channel with Programmable Gain Amplifier (SKU:DFR0316)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0316 Datasheet(HTML) 2 Page - DFROBOT

  DFR0316 Datasheet HTML 1Page - DFROBOT DFR0316 Datasheet HTML 2Page - DFROBOT DFR0316 Datasheet HTML 3Page - DFROBOT DFR0316 Datasheet HTML 4Page - DFROBOT DFR0316 Datasheet HTML 5Page - DFROBOT DFR0316 Datasheet HTML 6Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Introduction
The module integrates MCP3432 A/D converter chip. The module can provide analog input function
for Raspberry Pi and provide high accuracy analog input for Arduino.
MCP3424 is one of the low noise and high accuracy 18-Bit delta-sigma analog-to-digital (∆Σ A/D)
converter family members of the MCP342X series. Its characteristic is:
Self calibration of internal offset and gain per each conversion.
The user can select the PGA gain before the analog-to-digital conversion takes place. This allows
the device to convert a very weak input signal with high resolution.
The device have two conversion modes:
(a)One-Shot mode: the device performs a single conversion and enters a low current standby mode
automatically until it receives another conversion command.
(b)Continuous mode: the conversion takes place continuously at the set conversion speed.
Applications
Temperature Sensing with RTD, Thermistor, and Thermocouple
Bridge Sensing for Pressure, Strain, and Force
Weigh Scales
Battery Fuel Gauges
Specifications
Operating Voltage: 2.7 - 5.5V
Standy Current: 300nA (5V)
Operating Temperature: -40°C ~ +125°C
On-Board Voltage Reference: 2.048V ± 0.05%, Drift 15 PPM /°C
On-Board Programmable Gain Amplifier (PGA): x1,x2,x4,x8
Differential Input Full Scale Range: -2.048V / PGA ~ 2.048V / PGA (e.g., PGA=4, Range is -0.512 ~
0.512V)
Programmable Resolution: 12, 14, 16, 18bits
Programmable Data Rate: 240, 60, 15, 3.75 SPS
Gain Error: 0.05% (PGA = 1, 18bits)
Offset Error: 15uV (PGA = 1, 18bits)
Input Interface: 4 differential channels, PIN header of 2.54mm spacing
Output Interface: I2C, PIN header of 2.54mm spacing
Size: 27x16mm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com