Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0334 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0334
Description  GPIO Shield for Arduino V1.0 SKU: DFR0334
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0334 Datasheet(HTML) 2 Page - DFROBOT

  DFR0334 Datasheet HTML 1Page - DFROBOT DFR0334 Datasheet HTML 2Page - DFROBOT DFR0334 Datasheet HTML 3Page - DFROBOT DFR0334 Datasheet HTML 4Page - DFROBOT DFR0334 Datasheet HTML 5Page - DFROBOT DFR0334 Datasheet HTML 6Page - DFROBOT DFR0334 Datasheet HTML 7Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IIC - GPIO Digital Pins: 16, P0.0 ~ P0.7; P1.0 ~ P1.7
IIC Port: 1
UART Port: 1
Power Supply: 5 VDC / External Power Supply (jump cap switch)
Reset Button: 1
Dimensions: 53.34 x 54.48 mm / 2.1 x 2.14 inches
Weight: 30g
Board Overview
NumName
Description
1 External Power
5 VDC
2 VCC Jumper Caps
Choose to power from board or shield external
power
3
PCA9555DB IIC Address
Setting
Set PCA9555DB I2C Address 0x20~0x27
4 Arduino Digital I/O Pins
D0~D13
5 Arduino Analog input Pins
A0~A5
6 IIC to GPIO Digital Pins
P0.0~P0.7; P1.0~P1.7
7 IIC Port
IIC Communication
8 UART Port
UART Communication



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com