Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0339 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0339
Description  Bluno Beetle SKU:DFR0339
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0339 Datasheet(HTML) 2 Page - DFROBOT

  DFR0339 Datasheet HTML 1Page - DFROBOT DFR0339 Datasheet HTML 2Page - DFROBOT DFR0339 Datasheet HTML 3Page - DFROBOT DFR0339 Datasheet HTML 4Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
More instruction about Bluno Beetle can refer to DFRobot Bluno。
Specification
Bluetooth Chip
CC2540
Sensitivity
(-93dBm)
Working Temperature:
(-10
~ +85
)
Maximun Distance
50m(Open field)
Microcontroller:
ATmega328P
Clock frequency:
16 MHz
Working voltage:
5V DC
Digital Pin
x4
Analog Pin
x4
PWM Output
x2
UART interface
x1
I2C interface
x1
Micro USB interface
x1
Power port
x2
 
Pinout Diagram 



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com