Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR338 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR338
Description  IO expansion board for Edison SKU: DFR338
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR338 Datasheet(HTML) 2 Page - DFROBOT

  DFR338 Datasheet HTML 1Page - DFROBOT DFR338 Datasheet HTML 2Page - DFROBOT DFR338 Datasheet HTML 3Page - DFROBOT DFR338 Datasheet HTML 4Page - DFROBOT DFR338 Datasheet HTML 5Page - DFROBOT DFR338 Datasheet HTML 6Page - DFROBOT DFR338 Datasheet HTML 7Page - DFROBOT DFR338 Datasheet HTML 8Page - DFROBOT DFR338 Datasheet HTML 9Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Application
Digital I/O pins :D0-D13
PWM Output interface :4 (Digital pins D3, D5, D6 and D9)
Support USB power and external power supply switch
Support 1 x I2C interface
Support Broadcom 43340 802.11 a/b/g/n dual band (2.4G and 5GHz) WiFi
Support Bluetooth 4.0
Pinout Diagram



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com