Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2 Datasheet(PDF) 1 Page - Multicomp Pro

Part # DS2
Description  Tap Splices
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

DS2 Datasheet(HTML) 1 Page - Multicomp Pro

  DS2 Datasheet HTML 1Page - Multicomp Pro DS2 Datasheet HTML 2Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page <1>
V1.0
18/11/20
Tap Splices
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Features
•   The tap splice is placed over the existing wire, the additional wire inserted and the block crimped 
with pliers
•   The tap splice is crimped over the wire as above. A 6.3 mm push-on blade can then be inserted into 
the female blade socket. Suitable for splicing or as a break-in test lead
•  Simple to use - apply with pliers
•  Excellent electrical connection with out cutting tap or run wires
Preparation
To make a top connection as illustrated
Slip the run wire through the side slot and the top wire through the end of the connector. Make the 
connection by driving down the U element over the conductors, flush with the top of the connector. Snap 
over the hinged cover
Specification Table
DS1
DS2
Diagram
Parameter
DS1
DS2
Maximum Electric Current
AWG
22
20
18
AWG
18
16
14
AMP
3
4
7
AMP
17
18
30
Voltage Rating
600V Max.
Temperature Rating
105°C
Insulation Material
PP
Terminal Material
Brass
Surface Treatment
Tin Plated
Insulation Colour
Red
Light Blue
Wire Range
22-18AWG (0.5-0.75mm²)
18-14AWG (0.75-2.5mm²)
Terminal Thickness
0.8mm
Dimensions : Millimetres
DS1


Similar Part No. - DS2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DS2 IXYS-DS2 Datasheet
72Kb / 2P
Rectifi er Diode Avalanche Diode
logo
Apex Electronics Co., L...
DS2 APEX-ELECTRONICS-DS2 Datasheet
256Kb / 2P
5.7*5.0mm detector switch, SMD, normal open
logo
IXYS Corporation
DS2-08A IXYS-DS2-08A Datasheet
35Kb / 2P
Rectifier Diode Avalanche Diode
DS2-12A IXYS-DS2-12A Datasheet
35Kb / 2P
Rectifier Diode Avalanche Diode
DS2-12A IXYS-DS2-12A Datasheet
72Kb / 2P
Rectifi er Diode Avalanche Diode
More results

Similar Description - DS2

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
A41182 PANDUIT-A41182 Datasheet
67Kb / 1P
NYLON INSULATED BUTT SPLICES
logo
Molex Electronics Ltd.
0193190003 MOLEX4-0193190003 Datasheet
89Kb / 2P
Butt Splices VersaKrimp??350-450MCM
0193190004 MOLEX4-0193190004 Datasheet
89Kb / 2P
Butt Splices VersaKrimp??500-600MCM
0193190001 MOLEX4-0193190001 Datasheet
89Kb / 2P
Butt Splices VersaKrimp??250-350MCM
logo
Tyco Electronics
320569 MACOM-320569 Datasheet
258Kb / 30P
Standard Terminals and Splices
53041 MACOM-53041 Datasheet
153Kb / 6P
Standard Terminals and Splices
55995-2 MACOM-55995-2 Datasheet
47Kb / 1P
COPALUM Sealed Terminals and Splices
55840-1 MACOM-55840-1 Datasheet
46Kb / 1P
COPALUM Sealed Terminals and Splices
321684 MACOM-321684 Datasheet
48Kb / 1P
SOLISTRAND, Uninsulated Terminals and Splices
logo
List of Unclassifed Man...
62295-1 ETC2-62295-1 Datasheet
1Mb / 23P
AMPLIVAR Splices
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com