Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7133 Datasheet(PDF) 1 Page - Multicomp Pro

Part # HT7133
Description  High Voltage LDO Regulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

HT7133 Datasheet(HTML) 1 Page - Multicomp Pro

  HT7133 Datasheet HTML 1Page - Multicomp Pro HT7133 Datasheet HTML 2Page - Multicomp Pro HT7133 Datasheet HTML 3Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page <1>
V1.0
29/07/24
High Voltage LDO Regulator
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Features
• Low power consumption
• Low voltage drop
• Low temperature coefficient
• High input voltage (up to 24V)
Absolute Maximum Ratings Ta = 25°C
Parameter
Symbol
Rating
Supply Voltage
-0.3 to 28V
Power Consumption
Pc
200mW
Junction Temperature
TJ
125°C
Operating Temperature
Top
0°C to 70°C
Storage Temperature range
TSTG
-50°C to 125°C
Parameter
Symbol
Test conditons
Min
Typ
Max
Unit
VIN
Conditions
Output Voltage Tolerance
VOUT
5V
IOUT=10mA
2.85
3
3.15
V
Input Voltage
VIN
--
24
Load Regulation
VOUT
5V
1mA≤ IOUT ≤ 20mA
60
100
mV
Voltage Drop
VDIF
--
IOUT=1mA
100
Output Current
IOUT
5V
20
30
mA
Current Consumption
ISS
No load
4
6
uA
Line Regulation
VOUT
VIN XVOUT
--
4V ≤ VIN ≤ 24V
IOUT=1mA
0.2
%/V
Temperature Coefficient
VOUT
Ta
5V
IOUT=10mA
0°C<Ta<70°C
±0.45
mV/°C
Electrical Characteristic Ta = 25°C
HT7130, +3.0V output type


Similar Part No. - HT7133

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7133 HOLTEK-HT7133 Datasheet
94Kb / 8P
High Voltage Regulator
August 8, 2000
logo
SHENZHEN FUMAN ELECTRON...
HT7133 FUMAN-HT7133 Datasheet
992Kb / 4P
30mA Linear Regulator
logo
Holtek Semiconductor In...
HT7133-1 HOLTEK-HT7133-1 Datasheet
148Kb / 14P
30mA Voltage Regulator
April 30, 2013
HT7133-1 HOLTEK-HT7133-1 Datasheet
158Kb / 14P
30mA Low Power LDO
HT7133-2 HOLTEK-HT7133-2 Datasheet
1Mb / 15P
30mA Low Power LDO
More results

Similar Description - HT7133

ManufacturerPart #DatasheetDescription
logo
Guilin Strong Micro-Ele...
GM6206 GSME-GM6206 Datasheet
309Kb / 3P
LDO Voltage Regulator
logo
Texas Instruments
TPS7A87 TI1-TPS7A87 Datasheet
140Kb / 7P
LDO Voltage Regulator
TPS7A89 TI1-TPS7A89 Datasheet
140Kb / 7P
LDO Voltage Regulator
TPS7A84 TI1-TPS7A84 Datasheet
2Mb / 44P
LDO Voltage Regulator
logo
ON Semiconductor
NCV8703 ONSEMI-NCV8703_13 Datasheet
1Mb / 17P
LDO Voltage Regulator
June, 2013 ??Rev. 1
NCP705 ONSEMI-NCP705_17 Datasheet
1Mb / 20P
LDO Voltage Regulator
December, 2017 ??Rev. 8
logo
Guangdong Youtai Semico...
7130 UMW-7130 Datasheet
661Kb / 9P
LDO high voltage regulator
HT75 UMW-HT75 Datasheet
1Mb / 10P
LDO high voltage regulator
71XX UMW-71XX Datasheet
2Mb / 9P
LDO high voltage regulator
75XX UMW-75XX Datasheet
3Mb / 9P
LDO high voltage regulator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com