Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRM0 Datasheet(PDF) 6 Page - Multicomp Pro

Part # PRM0
Description  Through Hole Cement Resistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

PRM0 Datasheet(HTML) 6 Page - Multicomp Pro

  PRM0 Datasheet HTML 1Page - Multicomp Pro PRM0 Datasheet HTML 2Page - Multicomp Pro PRM0 Datasheet HTML 3Page - Multicomp Pro PRM0 Datasheet HTML 4Page - Multicomp Pro PRM0 Datasheet HTML 5Page - Multicomp Pro PRM0 Datasheet HTML 6Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Page <6>
V1.0
10/07/25
Through Hole Cement Resistor
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.
Description
Part Number
Cement Resistor, Power Film Type, 5W, 5%, 7.5K
MPPRM05WJP752B00
Cement Resistor, Wire Wound Type, 5W, 5%, 0.27R
MPPRM05WJW27KB00
Cement Resistor, Wire Wound Type, 5W, 5%, 33R
MPPRM05WJW330B00
Cement Resistor, Power Film Type, 5W, 5%, 200R
MPPRM05WJP201B00
Cement Resistor, Power Film Type, 5W, 5%, 1.5K
MPPRM05WJP152B00
Cement Resistor, Wire Wound Type, 10W, 5%, 0.68R
MPPRM0AWJW68KB00
Cement Resistor, Power Film Type, 5W, 5%, 82R
MPPRM05WJP820B00
Cement Resistor, Wire Wound Type, 10W, 5%, 6.8R
MPPRM0AWJW68JB00
Cement Resistor, Wire Wound Type, 10W, 5%, 30R
MPPRM0AWJW300B00
Cement Resistor, Wire Wound Type, 10W, 5%, 100R
MPPRM0AWJW101B00
Cement Resistor, Wire Wound Type, 10W, 5%, 0.1R
MPPRM0AWJW10KB00
Cement Resistor, Wire Wound Type, 10W, 5%, 4.7R
MPPRM0AWJW47JB00
Cement Resistor, Wire Wound Type, 5W, 5%, 39R
MPPRM05WJW390B00
Cement Resistor, Wire Wound Type, 5W, 5%, 2.7R
MPPRM05WJW27JB00
Cement Resistor, Wire Wound Type, 5W, 5%, 0.68R
MPPRM05WJW68KB00
Cement Resistor, Wire Wound Type, 3W, 5%, 2R
MPPRM03WJW20JB00
Cement Resistor, Power Film Type, 5W, 5%, 3.3K
MPPRM05WJP332B00
Cement Resistor, Power Film Type, 5W, 5%, 56R
MPPRM05WJP560B00
Cement Resistor, Wire Wound Type, 5W, 5%, 7.5R
MPPRM05WJW75JB00
Cement Resistor, Power Film Type, 5W, 5%, 75R
MPPRM05WJP750B00
Cement Resistor, Power Film Type, 5W, 5%, 3K
MPPRM05WJP302B00
Cement Resistor, Wire Wound Type, 3W, 5%, 0.2R
MPPRM03WJW20KB00



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com