Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP33 Datasheet(PDF) 2 Page - Juniper Networks, Inc.

Part # AP33
Description  AP33 ACCESS POINT DATASHEET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUNIPER [Juniper Networks, Inc.]
Direct Link  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

AP33 Datasheet(HTML) 2 Page - Juniper Networks, Inc.

  AP33 Datasheet HTML 1Page - Juniper Networks, Inc. AP33 Datasheet HTML 2Page - Juniper Networks, Inc. AP33 Datasheet HTML 3Page - Juniper Networks, Inc. AP33 Datasheet HTML 4Page - Juniper Networks, Inc. AP33 Datasheet HTML 5Page - Juniper Networks, Inc. AP33 Datasheet HTML 6Page - Juniper Networks, Inc. AP33 Datasheet HTML 7Page - Juniper Networks, Inc. AP33 Datasheet HTML 8Page - Juniper Networks, Inc. AP33 Datasheet HTML 9Page - Juniper Networks, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Table 1 compares the supported major functions of the Juniper Wi-Fi 6E and Wi-Fi 6 access points to help in selecting the most
appropriate model(s).
Table 1: Juniper Wi-Fi 6E and Wi-Fi 6 Access Points
AP45
AP34
AP24
AP43
AP33
AP12
AP63
AP64
Deployment
Indoor
Indoor
Indoor
Indoor
Indoor
Indoor Wall
Plate/ Desk
Mount
Outdoor
Indoor/Outdoor
Wi-Fi Standard
Wi-Fi 6E 802.11ax
(Wi-Fi 6E) 4x4:4
Wi-Fi 6E 802.11ax
(Wi-Fi 6E) 2x2:2
Wi-Fi 6E 802.11ax
(Wi-Fi 6E) 2x2:2
2.4/6 + 5 GHz
802.11ax (Wi-Fi 6)
4x4:4
802.11ax (Wi-Fi 6)
5 GHz:
4x4:4 2.4 GHz:
2x2:2
802.11ax (Wi-Fi
6)
2x2:2
802.11ax (Wi-Fi 6)
4x4:4
802.11ax (Wi-Fi 6E)
2x2:2
Wi-Fi Radios
Dedicated fourth
radio for scanning
Dedicated fourth
radio for scanning
Dedicated third radio
for scanning
Dedicated third
radio for scanning
Dedicated third radio
for scanning
Dedicated third
radio for
scanning
Dedicated third
radio for scanning
Dedicated third
radio for scanning
Antenna Options
Internal/External
Internal
Internal
Internal/External
Internal
Internal
Internal/External
Internal
Virtual BLE
✓
—
—
✓
✓
—
✓
—
USB
✓
✓
✓
✓
✓
—
—
—
IoT Sensors
Temperature,
Accelerometer
Temperature,
Accelerometer
Temperature,
Accelerometer
Humidity,
Pressure,
Temperature
Temperature,
Accelerometer
—
Humidity,
Pressure,
Temperature
Temperature,
Accelerometer
GPS/GNSS
—
—
—
—
—
—
—
✓
Warranty
Limited Lifetime
Limited Lifetime
Limited Lifetime
Limited Lifetime
Limited Lifetime
Limited Lifetime
One Year
One Year
Frequencies
Supported
2.4 GHz, 5 GHz, 6
GHz
2.4 GHz, 5 GHz, 6
GHz
2.4 GHz, 5 GHz, 6
GHz
2.4 GHz, 5 GHz
2.4 GHz, 5 GHz
2.4 GHz, 5 GHz
2.4 GHz, 5 GHz
2.4 GHz, 5 GHz, 6
GHz
Services Available for the Juniper AP33
Wi-Fi Cloud Services
Juniper Mist Wi-Fi Assurance
For IT and NOC Teams
• Predictable and Measurable Wi-Fi
• Service-Level Expectation (SLE) Support
• WxLAN Policy Fabric for Role-Based Access
• Customizable Guest Wi-Fi Portal
• Radio Resource Management (RRM)
Marvis™ Virtual Network Assistant
For IT Helpdesk Teams
• AI-Powered Virtual Network Assistant
• Natural Language Processing Conversational Interface
• Anomaly Detection
• Client SLE Visibility and Enforcement
• Data Science-Driven Root Cause Analysis
Bluetooth Cloud Services
Juniper Mist Mobile Engagement
For Digital Experience Teams
• Accurate (1-3m) Turn-by-Turn Navigation
• Sensor Fusion with Dead Reckoning
• Unsupervised Machine Learning
• Virtual Beacons with Custom Notifications
• Mobile SDK for iOS and Android
Juniper Mist Asset Visibility
For Process and Resource Improvement Teams
• Identification of Assets by Name and View Location
• Zonal/Room Accuracy for Third-Party Tags
• Historical Analytics for Asset Tags
• Telemetry for Asset Tags (temperature, motion, and other data)
• APIs for Viewing Assets and Analytics
Analytics Cloud Services
Juniper Mist Premium Analytics
For Network Teams
• Baseline Analytics Features Come Included with Wi-Fi
Assurance, Mobile Engagement, and Asset Visibility
Subscriptions
• End-to-End Network Visibility
• Orchestrated Networking and Application Performance
Queries
• Simplified Network Transparency
AP33 Access Point Datasheet
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com